Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP2098 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP2098
Description  PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2098 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP2098 Datasheet HTML 1Page - Toshiba Semiconductor TLP2098 Datasheet HTML 2Page - Toshiba Semiconductor TLP2098 Datasheet HTML 3Page - Toshiba Semiconductor TLP2098 Datasheet HTML 4Page - Toshiba Semiconductor TLP2098 Datasheet HTML 5Page - Toshiba Semiconductor TLP2098 Datasheet HTML 6Page - Toshiba Semiconductor TLP2098 Datasheet HTML 7Page - Toshiba Semiconductor TLP2098 Datasheet HTML 8Page - Toshiba Semiconductor TLP2098 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TLP2098
2009-09-10
2
Recommended Operating Conditions
CHARACTERISTIC
SYMBOL
MIN
TYP.
MAX
UNIT
Input Current , ON
±IF(ON)
5
15
mA
Input Voltage , OFF
±VF(OFF)
0
0.8
V
Supply Voltage*
VCC
3.0
20
V
Operating Temperature
Topr
-40
100
°C
* This item denotes operating range, not meaning of recommended operating conditions.
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Absolute Maximum Ratings (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
IF
±20
mA
Forward Current Derating (Ta
≤ 83℃)
∆IF / ˚C
-0.48
mA/˚C
Peak Transient Forward Current (Note1)
IFPT
±1
A
Output Current 1 (Ta
≤ 25℃)
IO1
25/-15
mA
Output Current 2 (Ta
≤ 100℃)
IO2
5/-5
mA
Output Voltage
VO
-0.5 to 20
V
Supply Voltage
VCC
-0.5 to 20
V
Operating Temperature Range
Topr
-40 to 100
°C
Storage Temperature Range
Tstg
-55 to 125
°C
Lead Solder Temperature (10s)
Tsol
260
°C
Isolation Voltage
(AC,1min.,R.H.
60%,Ta=25°C)
(Note 2)
BVs
3750
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Pulse width
≤ 1μs, 300pps.
Note 2: Device considered a two terminal device: pins 1 and 3 shorted together and pins 4, 5 and 6 shorted together.


Similar Part No. - TLP2098

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP209D TOSHIBA-TLP209D Datasheet
130Kb / 4P
   PHOTO RELAY
TLP209D TOSHIBA-TLP209D_14 Datasheet
156Kb / 4P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
More results

Similar Description - TLP2098

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
   Photocoupler GaA?밃s IRED Photo IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP105 TOSHIBA-TLP105 Datasheet
270Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2418 TOSHIBA-TLP2418 Datasheet
267Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2105 TOSHIBA-TLP2105 Datasheet
304Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2166A TOSHIBA-TLP2166A Datasheet
289Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP109 TOSHIBA-TLP109 Datasheet
283Kb / 8P
   Photocoupler GaA?밃s Ired & Photo−IC
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
   TOSHIBA Photocoupler GaA?밃s Ired Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com