Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLWLF1100C Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLWLF1100C
Description  LED Lamp
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLWLF1100C Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLWLF1100C Datasheet HTML 1Page - Toshiba Semiconductor TLWLF1100C Datasheet HTML 2Page - Toshiba Semiconductor TLWLF1100C Datasheet HTML 3Page - Toshiba Semiconductor TLWLF1100C Datasheet HTML 4Page - Toshiba Semiconductor TLWLF1100C Datasheet HTML 5Page - Toshiba Semiconductor TLWLF1100C Datasheet HTML 6Page - Toshiba Semiconductor TLWLF1100C Datasheet HTML 7Page - Toshiba Semiconductor TLWLF1100C Datasheet HTML 8Page - Toshiba Semiconductor TLWLF1100C Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLWLF1100C(T11)
2009-09-01
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test condition
Min
Typ.
Max
Unit
Forward Voltage
VF
IF = 20 mA
2.6
3.2
3.8
V
Reverse Current
IR
VR = 5 V
10
μA
Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test condition
Min
Typ.
Max
Unit
Cx
IF = 20 mA
(Note 2)
Chromaticity
Cy
IF = 20 mA
(Note 2)
Luminous Intensity
(Note 3)
IV
IF = 20 mA
800
1160
1600
mcd
Note 2: The product is tested at the following chromaticity coordinate groups.
Test conditions: IF = 20 mA, Ta = 25 °C
Note 3: Iv rank classification
Test conditions: IF = 20 mA, Ta = 25 °C
Luminous intensity IV
Product name
Min
Typ.
Max
IF
TLWLF1100C(T11)
800
1160
1600
VA2
800
1250
WA1
1000
1600
20
Unit
mcd
mA
The specification on the above table is used for Iv classification of LEDs in Toshiba facility.
Let the delivery ratio of each rank be unquestioned.
Point
Cx
Cy
1
0.430
0.420
2
0.410
0.380
3
0.460
0.395
4
0.485
0.440
Accuracy: +/-0.01
0.34
0.36
0.38
0.4
0.42
0.44
0.46
0.48
0.36
0.38
0.4
0.42
0.44
0.46
0.48
0.5
Cx
Cy


Similar Part No. - TLWLF1100C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWLF1100D TOSHIBA-TLWLF1100D Datasheet
273Kb / 13P
   General Lighting
More results

Similar Description - TLWLF1100C

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com