Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLWNF1100C Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLWNF1100C
Description  LED Lamp
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLWNF1100C Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLWNF1100C Datasheet HTML 1Page - Toshiba Semiconductor TLWNF1100C Datasheet HTML 2Page - Toshiba Semiconductor TLWNF1100C Datasheet HTML 3Page - Toshiba Semiconductor TLWNF1100C Datasheet HTML 4Page - Toshiba Semiconductor TLWNF1100C Datasheet HTML 5Page - Toshiba Semiconductor TLWNF1100C Datasheet HTML 6Page - Toshiba Semiconductor TLWNF1100C Datasheet HTML 7Page - Toshiba Semiconductor TLWNF1100C Datasheet HTML 8Page - Toshiba Semiconductor TLWNF1100C Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLWNF1100C(T11)
2009-09-01
4
TLWNF1100C
0.1
1
10
-40
-20
0
20
40
60
80
100
Ta = 25°C
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°
0.340
0.344
0.348
0.352
0.356
0
1020
3040
50
Cx
Cy
Ta
= 25°C
Cx, Cy – IF (typ.)
0.01
1
300
30
100
3
10
0.03
0.1
0.3
1
3
5
50
500
Ta
= 25°C
IV/IV(20 mA) – IF (typ.)
0
300
400
500
600
700
800
0.2
0.4
0.6
0.8
1.0
1
3
10
30
100
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
Ta
= 25°C
IF – VF (typ.)
Forward Voltage VF (V)
Forward Current IF (mA)
Relative IV – Tc (typ.)
Case Temperature Tc (°C)
Forward current IF (mA)
Wavelength characteristic (typ.)
Wavelength
λ (nm)
Radiation pattern (typ.)


Similar Part No. - TLWNF1100C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWNF1100D TOSHIBA-TLWNF1100D Datasheet
272Kb / 13P
   General Lighting
More results

Similar Description - TLWNF1100C

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com