Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT125S6AFR8C-H9 Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HMT125S6AFR8C-H9
Description  204pin DDR3 SDRAM SODIMMs
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT125S6AFR8C-H9 Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HMT125S6AFR8C-H9 Datasheet HTML 3Page - Hynix Semiconductor HMT125S6AFR8C-H9 Datasheet HTML 4Page - Hynix Semiconductor HMT125S6AFR8C-H9 Datasheet HTML 5Page - Hynix Semiconductor HMT125S6AFR8C-H9 Datasheet HTML 6Page - Hynix Semiconductor HMT125S6AFR8C-H9 Datasheet HTML 7Page - Hynix Semiconductor HMT125S6AFR8C-H9 Datasheet HTML 8Page - Hynix Semiconductor HMT125S6AFR8C-H9 Datasheet HTML 9Page - Hynix Semiconductor HMT125S6AFR8C-H9 Datasheet HTML 10Page - Hynix Semiconductor HMT125S6AFR8C-H9 Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
Rev. 0.2 / Dec. 2008
7
HMT164S6AFP(R)6C
HMT112S6AFP(R)6C
HMT125S6AFP(R)8C
2. Pin Architecture
2.1 Pin Definition
Pin Name
Description
Pin Name
Description
CK[1:0]
Clock Inputs, positive line
2
DQ[63:0]
Data Input/Output
64
CK[1:0]
Clock Inputs, negative line
2
DM[7:0]
Data Masks
8
CKE[1:0]
Clock Enables
2
DQS[7:0]
Data strobes
8
RAS
Row Address Strobe
1
DQS[7:0]
Data strobes complement
8
CAS
Column Address Strobe
1
RESET
Reset pin
1
WE
Write Enable
1
TEST
Logic Analyzer specific test pin (No
connect on SODIMM)
1
S[1:0]
Chip Selects
2
EVENT
Temperature event pin
1
A[9:0], A11,
A[15:13]
Address Inputs
14
VDD
Core and I/O power
18
A10/AP
Address Input/Autoprecharge
1
VSS
Ground
52
A12/BC
Address Input/Burst Stop
1
VREFDQ
Input/Output Reference
2
BA[2:0]
SDRAM Bank Address
3
VREFCA
ODT[1:0]
On-die termination control
2
VDDSPD
SPD and Temp sensor power
1
SCL
Serial Presence Detect (SPD) Clock
input
1
Vtt
Termination voltage
2
SDA
SPD Data Input/Output
1
NC
Reserved for future use
2
SA[1:0]
SPD address
2
Total
204


Similar Part No. - HMT125S6AFR8C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT125S6BFR8C-G7 HYNIX-HMT125S6BFR8C-G7 Datasheet
530Kb / 51P
   204pin DDR3 SDRAM SODIMMs
HMT125S6BFR8C-H9 HYNIX-HMT125S6BFR8C-H9 Datasheet
530Kb / 51P
   204pin DDR3 SDRAM SODIMMs
HMT125S6TFR8A-G7 HYNIX-HMT125S6TFR8A-G7 Datasheet
581Kb / 50P
   204pin DDR3 SDRAM SODIMM
HMT125S6TFR8A-H9 HYNIX-HMT125S6TFR8A-H9 Datasheet
581Kb / 50P
   204pin DDR3 SDRAM SODIMM
HMT125S6TFR8C HYNIX-HMT125S6TFR8C Datasheet
544Kb / 48P
   204pin DDR3 SDRAM SODIMM
More results

Similar Description - HMT125S6AFR8C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT164S6BFR6C-G7 HYNIX-HMT164S6BFR6C-G7 Datasheet
530Kb / 51P
   204pin DDR3 SDRAM SODIMMs
HMT312S6BFR6C-G7 HYNIX-HMT312S6BFR6C-G7 Datasheet
545Kb / 54P
   204pin DDR3 SDRAM SODIMM
HMT351S6AFR8C-G7 HYNIX-HMT351S6AFR8C-G7 Datasheet
377Kb / 42P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8A-G7 HYNIX-HMT112S6TFR8A-G7 Datasheet
581Kb / 50P
   204pin DDR3 SDRAM SODIMM
HMT451S6MMP8C-S6 HYNIX-HMT451S6MMP8C-S6 Datasheet
303Kb / 40P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8C-G7 HYNIX-HMT112S6TFR8C-G7 Datasheet
544Kb / 48P
   204pin DDR3 SDRAM SODIMM
HMT425S6AFR6C HYNIX-HMT425S6AFR6C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb A-die
HMT425S6MFR6C HYNIX-HMT425S6MFR6C Datasheet
1Mb / 52P
   DDR3 SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT312S6DFR6C HYNIX-HMT312S6DFR6C Datasheet
915Kb / 47P
   DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb D-die
HMT325S6EFR8C HYNIX-HMT325S6EFR8C Datasheet
1,011Kb / 50P
   DDR3 SDRAM Unbuffered SODIMMs Based on 2Gb E-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com