Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT112S6TFR8A-H9 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HMT112S6TFR8A-H9
Description  204pin DDR3 SDRAM SODIMM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT112S6TFR8A-H9 Datasheet(HTML) 3 Page - Hynix Semiconductor

  HMT112S6TFR8A-H9 Datasheet HTML 1Page - Hynix Semiconductor HMT112S6TFR8A-H9 Datasheet HTML 2Page - Hynix Semiconductor HMT112S6TFR8A-H9 Datasheet HTML 3Page - Hynix Semiconductor HMT112S6TFR8A-H9 Datasheet HTML 4Page - Hynix Semiconductor HMT112S6TFR8A-H9 Datasheet HTML 5Page - Hynix Semiconductor HMT112S6TFR8A-H9 Datasheet HTML 6Page - Hynix Semiconductor HMT112S6TFR8A-H9 Datasheet HTML 7Page - Hynix Semiconductor HMT112S6TFR8A-H9 Datasheet HTML 8Page - Hynix Semiconductor HMT112S6TFR8A-H9 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
Rev. 0.1 / Feb. 2010
3
Description
Hynix Unbuffered DDR3L SDRAM DIMMs (Unbuffered Double Data Rate Synchronous DRAM Dual In-Line
Memory Modules) are low power, high-speed operation memory modules that use Hynix DDR3L SDRAM
devices. These Unbuffered DDR3L SDRAM DIMMs are intended for use as main memory when installed in
systems such as mobile personal computers.
Features
* This product is in compliance with the RoHS directive.
Ordering Information
Part Number
Density
Organization
Component Composition
# of
ranks
HMT112S6TFR8A-G7/H9
1GB
128Mx64
128Mx8(H5TC1G83TFR)*8
1
HMT125S6TFR8A-G7/H9
2GB
256Mx64
128Mx8(H5TC1G83TFR)*16
2
• Power Supply: VDD=1.35V (1.283V to 1.45V)
• VDDQ = 1.35V (1.283V to 1.45V)
• VDDSPD=3.0V to 3.6V
• Functionality and operations comply with the
DDR3 SDRAM datasheet
• 8 internal banks
• Data transfer rates: PC3-10600, PC3-8500, or
PC3-6400
• Bi-directional Differential Data Strobe
• 8 bit pre-fetch
• Burst Length (BL) switch on-the-fly: BL 8 or BC
(Burst Chop) 4
• On Die Termination (ODT) supported
• RoHS compliant


Similar Part No. - HMT112S6TFR8A-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT112S6TFR8C HYNIX-HMT112S6TFR8C Datasheet
544Kb / 48P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8C-G7 HYNIX-HMT112S6TFR8C-G7 Datasheet
544Kb / 48P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8C-H9 HYNIX-HMT112S6TFR8C-H9 Datasheet
544Kb / 48P
   204pin DDR3 SDRAM SODIMM
More results

Similar Description - HMT112S6TFR8A-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT312S6BFR6C-G7 HYNIX-HMT312S6BFR6C-G7 Datasheet
545Kb / 54P
   204pin DDR3 SDRAM SODIMM
HMT351S6AFR8C-G7 HYNIX-HMT351S6AFR8C-G7 Datasheet
377Kb / 42P
   204pin DDR3 SDRAM SODIMM
HMT112S6TFR8C-G7 HYNIX-HMT112S6TFR8C-G7 Datasheet
544Kb / 48P
   204pin DDR3 SDRAM SODIMM
HMT451S6MMP8C-S6 HYNIX-HMT451S6MMP8C-S6 Datasheet
303Kb / 40P
   204pin DDR3 SDRAM SODIMM
HMT164S6AFP6C-S6 HYNIX-HMT164S6AFP6C-S6 Datasheet
533Kb / 51P
   204pin DDR3 SDRAM SODIMMs
HMT164S6BFR6C-G7 HYNIX-HMT164S6BFR6C-G7 Datasheet
530Kb / 51P
   204pin DDR3 SDRAM SODIMMs
logo
List of Unclassifed Man...
78B2GC8XX1 ETC2-78B2GC8XX1 Datasheet
289Kb / 7P
   4GB DDR3 SDRAM SODIMM with SPD
78A2GC8AF00C ETC2-78A2GC8AF00C Datasheet
366Kb / 7P
   2GB DDR3 SDRAM SODIMM with SPD
78C2GCMAT30C ETC2-78C2GCMAT30C Datasheet
259Kb / 7P
   8GB DDR3 SDRAM SODIMM with SPD
logo
Advantech Co., Ltd.
AQD-SD3L8GE16-MG ADVANTECH-AQD-SD3L8GE16-MG Datasheet
327Kb / 11P
   204Pin DDR3 1.35V 1600 ECC SODIMM 8GB Based on 512Mx8
2013-11-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com