Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC6110 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TPC6110
Description  Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6110 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TPC6110 Datasheet HTML 1Page - Toshiba Semiconductor TPC6110 Datasheet HTML 2Page - Toshiba Semiconductor TPC6110 Datasheet HTML 3Page - Toshiba Semiconductor TPC6110 Datasheet HTML 4Page - Toshiba Semiconductor TPC6110 Datasheet HTML 5Page - Toshiba Semiconductor TPC6110 Datasheet HTML 6Page - Toshiba Semiconductor TPC6110 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPC6110
2009-07-17
6
0.1
1m
10m
100m
1
10
100
1000
1
10
100
1000
rth − tw
−0.1
−1
−10
−1
−100
−0.1
−100
−10
SINGLE PULSE
Device mounted on a glass-epoxy
board (b) (Note 2b)
Device mounted on a glass-epoxy
board (a) (Note 2a)
Single pulse Ta=25℃
Curves must be derated linearly
with increase in temperature.
ID max (pulse) *
10 ms *
1 ms *
VDSS max
Safe Operating Area
Drain-source voltage VDS (V)
Pulse width tw (s)


Similar Part No. - TPC6110

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6110 TOSHIBA-TPC6110 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC6110 VBSEMI-TPC6110 Datasheet
457Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - TPC6110

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J327F TOSHIBA-SSM3J327F Datasheet
192Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC8124 TOSHIBA-TPC8124 Datasheet
263Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCA8106 TOSHIBA-TPCA8106 Datasheet
216Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM6J212FE TOSHIBA-SSM6J212FE Datasheet
196Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J130TU TOSHIBA-SSM3J130TU Datasheet
192Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCC8102 TOSHIBA-TPCC8102 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCM8102 TOSHIBA-TPCM8102 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCC8103 TOSHIBA-TPCC8103 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC8123 TOSHIBA-TPC8123 Datasheet
279Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPC8128 TOSHIBA-TPC8128 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com