Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT325R7BFR8C-H9 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HMT325R7BFR8C-H9
Description  240pin DDR3 SDRAM Registered DIMM
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT325R7BFR8C-H9 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HMT325R7BFR8C-H9 Datasheet HTML 1Page - Hynix Semiconductor HMT325R7BFR8C-H9 Datasheet HTML 2Page - Hynix Semiconductor HMT325R7BFR8C-H9 Datasheet HTML 3Page - Hynix Semiconductor HMT325R7BFR8C-H9 Datasheet HTML 4Page - Hynix Semiconductor HMT325R7BFR8C-H9 Datasheet HTML 5Page - Hynix Semiconductor HMT325R7BFR8C-H9 Datasheet HTML 6Page - Hynix Semiconductor HMT325R7BFR8C-H9 Datasheet HTML 7Page - Hynix Semiconductor HMT325R7BFR8C-H9 Datasheet HTML 8Page - Hynix Semiconductor HMT325R7BFR8C-H9 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
Rev. 0.2 / Feb. 2010
4
Key Parameters
Speed Grade
Address Table
MT/s
Grade
tCK
(ns)
CAS
Latency
(tCK)
tRCD
(ns)
tRP
(ns)
tRAS
(ns)
tRC
(ns)
CL-tRCD-tRP
DDR3-1066
-G7
1.875
7
13.125
13.125
37.5
50.625
7-7-7
DDR3-1333
-H9
1.5
9
13.5
13.5
36
49.5
9-9-9
Grade
Frequency [MHz]
Remark
CL6
CL7
CL8
CL9
CL10
-G7
800
1066
1066
-H9
800
1066
1066
1333
1333
2GB(1Rx8)
4GB(2Rx8)
4GB(1Rx4)
8GB(4Rx8)
8GB(2Rx4)
16GB(4Rx4)
Refresh
Method
8K/64ms
8K/64ms
8K/64ms
8K/64ms
8K/64ms
8K/64ms
Row Address
A0-A13
A0-A13
A0-A13
A0-A13
A0-A13
A0-A13
Column
Address
A0-A9
A0-A9
A0-A9,A11
A0-A9
A0-A9,A11
A0-A9,A11
Bank Address
BA0-BA2
BA0-BA2
BA0-BA2
BA0-BA2
BA0-BA2
BA0-BA2
Page Size
1KB1KB
1KB1KB
1KB1KB


Similar Part No. - HMT325R7BFR8C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT325R7BFR8A-G7 HYNIX-HMT325R7BFR8A-G7 Datasheet
1Mb / 76P
   240pin DDR3L SDRAM Registered DIMM
HMT325R7BFR8A-H9 HYNIX-HMT325R7BFR8A-H9 Datasheet
1Mb / 76P
   240pin DDR3L SDRAM Registered DIMM
More results

Similar Description - HMT325R7BFR8C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT112U6TFR8C-G7 HYNIX-HMT112U6TFR8C-G7 Datasheet
610Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7AFR8A-G7 HYNIX-HMT325R7AFR8A-G7 Datasheet
1Mb / 76P
   240pin DDR3 SDRAM Registered DIMM
HMT325R7AFR8C-G7 HYNIX-HMT325R7AFR8C-G7 Datasheet
1Mb / 74P
   240pin DDR3 SDRAM Registered DIMM
HMT325U6BFR8C-G7 HYNIX-HMT325U6BFR8C-G7 Datasheet
464Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT112R7BFR8C-G7 HYNIX-HMT112R7BFR8C-G7 Datasheet
1Mb / 67P
   240pin DDR3 SDRAM Registered DIMM
HMT325U7AFR8A-G7 HYNIX-HMT325U7AFR8A-G7 Datasheet
544Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT112U7BFR8C-G7 HYNIX-HMT112U7BFR8C-G7 Datasheet
532Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT112R7TFR8C-G7 HYNIX-HMT112R7TFR8C-G7 Datasheet
1Mb / 67P
   240pin DDR3 SDRAM Registered DIMM
HMT112U7BFR8A HYNIX-HMT112U7BFR8A Datasheet
532Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT112V7AFP8C-G7 HYNIX-HMT112V7AFP8C-G7 Datasheet
742Kb / 25P
   240pin DDR3 SDRAM VLP Registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com