Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3F-1100 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # B3F-1100
Description  Tactile Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3F-1100 Datasheet(HTML) 5 Page - Omron Electronics LLC

  B3F-1100 Datasheet HTML 1Page - Omron Electronics LLC B3F-1100 Datasheet HTML 2Page - Omron Electronics LLC B3F-1100 Datasheet HTML 3Page - Omron Electronics LLC B3F-1100 Datasheet HTML 4Page - Omron Electronics LLC B3F-1100 Datasheet HTML 5Page - Omron Electronics LLC B3F-1100 Datasheet HTML 6Page - Omron Electronics LLC B3F-1100 Datasheet HTML 7Page - Omron Electronics LLC B3F-1100 Datasheet HTML 8Page - Omron Electronics LLC B3F-1100 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Tactile Switch
B3F
225
Dimensions
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
2. Terminal numbers are not indicated on this switch. With the switch turned over so that the logo mark “OMRON” is visible on the upper
part of the rear side of the switch base, the terminal on the right of the logo mark is numbered “1” and that on the bottom right is “3.”
Accordingly, two terminals on the left side are numbered “2” and “4” respectively.
■ 6 x 6 mm Models
Terminal Arrangement
/Internal Connections (Top View)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Internal
Connections (Top View)
*The height of B3F-1120, B3F-1122, and
B3F-1125 is 5
±0.2 mm.
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Internal
Connections (Top View)
* The height of B3F-1020, B3F-1022, B3F-1025, and B3F-1026 is 5
±0.2 mm.
Standard, Flat Plunger Type
(with Ground Terminal, Pitch: 7.5 mm)
B3F-1110
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
B3F-1100, B3F-1102, B3F-1105, B3F-1120*, B3F-1122*,
B3F-1125*, B3F-1102-G, B3F-1122-G*
Standard, Flat Plunger Type
(with Ground Terminal, Pitch: 6.5 mm)
B3F-1000, B3F-1002, B3F-1005, B3F-1020*, B3F-1022*,
B3F-1025*, B3F-1002-G, B3F-1022-G*
Standard, Flat Plunger Type
(without Ground Terminal)
6±0.2
4.3±0.2
3.5
3.4
3.5
dia.
4
2
3
1
0.7
0.7
0.3
6.5±0.5
7.7±0.5
(See note.)
6±0.2
4.5±0.2
6.5±0.1
4.5±0.1
Four, 1±0.1 dia.
4.3±0.2
3.5
6±0.2
6±0.2
1.5
0.7
6.5±0.5
7.7±0.5
6.5±0.1
4.5±0.1
4.1±0.1
Five, 1±0.05 dia.
4
2
3
5
1
3.5
dia.
0.7
0.7
0.3
0.3
(See note.)
4.5±0.2
3.4
0.3
0.3
5±0.2
3.5
0.7
7.5±0.5
9±0.5
6±0.2
6±0.2
4.5±0.2
1.5
3.5
dia.
0.7
0.7
Four,
1.2±0.05 dia.
1±0.05 dia.
7.5±0.1
4.5±0.1
4.1±0.1
4
2
3
5
1
3.4
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Internal
Connections (Top View)
Standard, Projected Plunger Type
(without Ground Terminal)
B3F-1050, B3F-1052, B3F-1055
4.3±0.2
1.8±0.1
7.3±0.2
3.5
3.4
0.3
6.5±0.5
7.7±0.5
6±0.2
6±0.2
4.5±0.2
3.5 dia.
0.7
0.7
6.5±0.1
4.5±0.2
Four,
1±0.05 dia.
2.4 2.4±0.1
4
2
3
1
B3F-1150, B3F-1152, B3F-1155
Standard, Projected Plunger Type
(with Ground Terminal)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/
Internal Connections
(Top View)
0.3
2.4 2.4±0.1
4.3±0.2
1.8±0.1
7.3±0.2
3.5
3.4
0.3
0.7
6.5±0.5
7.7±0.5
1.5
4
2
3
5
1
6±0.2
6±0.2
4.5±0.2
3.5 dia.
6.5±0.1
4.5±0.1
4.1±0.1
Five, 1±0.05 dia.
0.7
0.7


Similar Part No. - B3F-1100

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F-1100 OMRON-B3F-1100 Datasheet
328Kb / 5P
   Mechanical Key Switch
B3F-1100 OMRON-B3F-1100 Datasheet
1Mb / 12P
   Tactile Switch
B3F-1100 OMRON-B3F-1100 Datasheet
1,008Kb / 9P
   Tactile Switch
B3F-1100S OMRON-B3F-1100S Datasheet
328Kb / 5P
   Mechanical Key Switch
More results

Similar Description - B3F-1100

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
   Tactile Switch
logo
CUI INC
TS04 CUI-TS04 Datasheet
429Kb / 5P
   TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
   TACTILE SWITCH
04/13/2022
TS02 CUI-TS02 Datasheet
467Kb / 5P
   TACTILE SWITCH
logo
Omron Electronics LLC
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
   Tactile Switch
logo
CUI INC
TS13 CUI-TS13 Datasheet
345Kb / 4P
   TACTILE SWITCH
04/13/2022
TS12 CUI-TS12 Datasheet
971Kb / 6P
   TACTILE SWITCH
04/14/2022
TS19 CUI-TS19 Datasheet
424Kb / 4P
   TACTILE SWITCH
05/10/2022
TS05 CUI-TS05 Datasheet
470Kb / 4P
   TACTILE SWITCH
09/20/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com