Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3J-4300 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # B3J-4300
Description  Tactile Switch (Hinged Type)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3J-4300 Datasheet(HTML) 1 Page - Omron Electronics LLC

  B3J-4300 Datasheet HTML 1Page - Omron Electronics LLC B3J-4300 Datasheet HTML 2Page - Omron Electronics LLC B3J-4300 Datasheet HTML 3Page - Omron Electronics LLC B3J-4300 Datasheet HTML 4Page - Omron Electronics LLC B3J-4300 Datasheet HTML 5Page - Omron Electronics LLC B3J-4300 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tactile Switch (Hinged Type)
B3J
265
Tactile Switch (Hinged Type)
B3J
Hinged Design Developed through
Ergonomics
• Quick, superior snap action through hook-type hinge
construction.
• Available with 1 or 2 LEDs or without LEDs.
• The hinge button is available in a wide variety of colors
(five standard colors).
• RoHS Compliant.
Ordering Information
Specifications
■ Ratings/Characteristics
■ Operating Characteristics
Color of hinged
button
No LED
One LED
Two LEDs (left and right)
Red
Yellow
Green
Red/Yellow
Red/Green
Yellow/Green
Light gray
B3J-1000
B3J-2000
B3J-3000
B3J-4000
B3J-5000
B3J-6000
B3J-7000
Black
B3J-1100
B3J-2100
B3J-3100
B3J-4100
B3J-5100
B3J-6100
B3J-7100
Orange
B3J-1200
B3J-2200
B3J-3200
B3J-4200
B3J-5200
B3J-6200
B3J-7200
Yellow
B3J-1300
B3J-2300
B3J-3300
B3J-4300
B3J-5300
B3J-6300
B3J-7300
Blue
B3J-1400
B3J-2400
B3J-3400
B3J-4400
B3J-5400
B3J-6400
B3J-7400
Contact form
SPST-NO
Switching capacity
1 to 50 mA, 5 to 24 VDC (resistive load)
Contact resistance
100 m
Ω max. (rated: 1 mA, 5 VDC)
Insulation resistance
100 M
Ω min. (at 250 VDC)
Dielectric strength
500 VAC, 50/60 Hz for 1 min.
Bounce time
5 ms max.
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 (approx. 100 G) max.
Malfunction: 100 m/s2 (approx. 10 G) max.
Life expectancy
3,000,000 operations min.
Ambient operating temperature
–25
°C to 70°C (at 60% RH max.) with no icing or condensation
Ambient operating humidity
35% to 85% (at 5 to 35
°C)
Weight
Approx. 1.5 to 1.7 g
Operating force (OF)
1.27
±0.49 N (130 ± 50 gf)
Releasing force (RF)
0.29 N (30 gf) min.
Pretravel (PT)
0.3 +0.2/
–0.1 mm


Similar Part No. - B3J-4300

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3J-4300 OMRON-B3J-4300 Datasheet
248Kb / 4P
   Tactile Switch (Hinged Type)
More results

Similar Description - B3J-4300

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3J OMRON-B3J_10 Datasheet
248Kb / 4P
   Tactile Switch (Hinged Type)
logo
Mitsumi Electronics, Co...
STU MITSUMI-STU Datasheet
143Kb / 2P
   Waterproof Small Type Tactile Switch
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
   Tactile Switch
logo
CUI INC
TS04 CUI-TS04 Datasheet
429Kb / 5P
   TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
   TACTILE SWITCH
04/13/2022
TS02 CUI-TS02 Datasheet
467Kb / 5P
   TACTILE SWITCH
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
   Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
   Tactile Switch
logo
CUI INC
TS13 CUI-TS13 Datasheet
345Kb / 4P
   TACTILE SWITCH
04/13/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com