Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3W-9010-HG2G Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # B3W-9010-HG2G
Description  Illuminated Tactile Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3W-9010-HG2G Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button B3W-9010-HG2G Datasheet HTML 2Page - Omron Electronics LLC B3W-9010-HG2G Datasheet HTML 3Page - Omron Electronics LLC B3W-9010-HG2G Datasheet HTML 4Page - Omron Electronics LLC B3W-9010-HG2G Datasheet HTML 5Page - Omron Electronics LLC B3W-9010-HG2G Datasheet HTML 6Page - Omron Electronics LLC B3W-9010-HG2G Datasheet HTML 7Page - Omron Electronics LLC B3W-9010-HG2G Datasheet HTML 8Page - Omron Electronics LLC B3W-9010-HG2G Datasheet HTML 9Page - Omron Electronics LLC B3W-9010-HG2G Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
264
Illuminated Tactile Switches
B3W-9
Removing the Cap - Text Film Installation
1. Hold the cap at the side away from the mating section. Pull
straight up.
2. Do not remove the cap while the Switch is mounted. Doing so
will apply force to the soldered section and LEDs, resulting in
malfunction.
Placing the Cap on the Switch
Hold the Cap at the side away from the mating section. Push straight
down until the mating section meets.
Removing the Cap
The Cap can be removed up to two times. Excessively removing the
Cap will cause the mating section to become weak, resulting the
operating section not mating completely or the Cap may fall off.
Film Dimensions
Dimensions of the film are shown below. The thickness is 0.2 mm.
Dust Protection
Although the switching mechanism is a sealed structure (IP64), illu-
mination part and actuation part is not sealed. Ensure you have the
correct environmental conditions for installation. Use a protective
sheet or take other measures to protect against dust.
Sensitivity to Static Electricity
Switches with high-brightness green (HG) or blue (B) LEDs are sus-
ceptible to static electricity. Take care when handling switches with
these LEDs as the LEDs may be damaged.
Storage Precautions
Storage Environment
To prevent degradation, such as discoloration, of the terminals during
storage, do not store the Switch in locations that are subject to the
following conditions.
1. High temperature or humidity
2. Corrosive gases
3. Direct sunlight
Storage condition
Store the Switches in the packaging box.
After the packaging box is opened, use the contents as quickly as
possible. When storing leftover parts, make sure that appropriate
measures are taken against humidity and corrosive gases.
Agreement of Product Use
Comply with the usage, storage, and disposal conditions specified by
OMRON as outlined in the precautions in the product datasheet and
specifications.
Be sure to read the precautions common to all Tactile Switches, con-
tained in the Technical User’s Guide, “Tactile Switches, Technical
Information” for correct use
Correct
Incorrect
Correct
Incorrect
7.4
±0.1
8.9
±0.1
8.9
±0.1
7.4
±0.1


Similar Part No. - B3W-9010-HG2G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3W-1000 OMRON-B3W-1000 Datasheet
520Kb / 8P
   Mechanical Keyswitch
B3W-1000 OMRON-B3W-1000 Datasheet
800Kb / 6P
   Tactile Switch
B3W-1000 OMRON-B3W-1000 Datasheet
457Kb / 6P
   Sealed Tactile Switch
B3W-1000S OMRON-B3W-1000S Datasheet
520Kb / 8P
   Mechanical Keyswitch
B3W-1000S OMRON-B3W-1000S Datasheet
457Kb / 6P
   Sealed Tactile Switch
More results

Similar Description - B3W-9010-HG2G

ManufacturerPart #DatasheetDescription
logo
GREATECS
JL15SKSCCP2 GREATECS-JL15SKSCCP2 Datasheet
1Mb / 6P
   Ultra-Thin Illuminated Tactile Switches
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
   Tactile Switches
KSMC612A HOKURIKU-KSMC612A Datasheet
183Kb / 2P
   Tactile Switches
KSMC632A HOKURIKU-KSMC632A Datasheet
216Kb / 2P
   Tactile Switches
logo
List of Unclassifed Man...
101-TS7311T1601-EV ETC2-101-TS7311T1601-EV Datasheet
147Kb / 1P
   Tactile Switches
logo
Copal Electronics
TME COPAL-TME Datasheet
177Kb / 2P
   Tactile Switches
logo
List of Unclassifed Man...
101-TS7311T1604BC-EV ETC2-101-TS7311T1604BC-EV Datasheet
149Kb / 1P
   Tactile Switches
MS-100637 ETC2-MS-100637 Datasheet
158Kb / 1P
   Tactile Switches (SMT)
logo
CamdenBoss Ltd.
CST06S0AT CAMDENBOSS-CST06S0AT Datasheet
443Kb / 1P
   6x6mm tactile switches
logo
C&K Components
KT11B1SM CK-COMPONENTS-KT11B1SM Datasheet
430Kb / 3P
   Sealed Tactile Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com