Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3020CT Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # MBR3020CT
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

MBR3020CT Datasheet(HTML) 1 Page - Compact Technology Corp.

  MBR3020CT Datasheet HTML 1Page - Compact Technology Corp. MBR3020CT Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR3020CT thru MBR30200CT
FEATURES
Metal-Semiconductor junction with guard ring
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
MECHANICAL DATA
Case : TO-220AB molded plastic
Polarity : Color band denotes cathode
Weight : 1.948 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SCHOTTKY BARRIER RECTIFIERS
REVERSE VOLTAGE - 20 to 200 Volts
FORWARD CURRENT - 30.0 Amperes
TO-220AB
Epitaxial construction
Compact Technology
CTC-MBR-0003
1 of 2
MBR3020CT thru MBR30200CT
.189(4.82)
.173(4.4)
.403(10.26)
.385(9.8)
.251(6.4)
.228(5.8)
.114(2.92)
.080(2.05)
.101(2.59)
.098(2.49)
.388(9.87)
.250(6.35)
.624(15.87)
.578(14.7)
.153(3.9)
.145(3.7)
PARAMETER
SYMBOL
MBR
3020CT
MBR
3040CT
MBR
3050CT
MBR
3060CT
MBR
3080CT
MBR
30100CT
MBR
30150CT
MBR
30200CT
UNIT
Maximum repetitive peak reverse voltage
VRRM
20
40
50
60
80
100
150
200
V
Maximum RMS voltage
VRMS
14
28
35
42
56
70
105
140
V
Maximum DC blocking voltage
VDC
20
40
50
60
80
100
150
200
V
Maximum average forward
rectified current
(Per leg)
IF
A
Peak forward surge current, 8.3ms single
half sine-wave superim posed on rated load
IFSM
A
Maximum instantaneous I F=15A@TA=25℃
@TA=100℃
VF
V
Maximum DC Reverse Current @TA=25℃
at Rated DC Blocking Voltage @TA=100℃
IR
mA
Typical Junction Capacitance
CJ
pF
Typical Thermal Resistance
RθJC
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
3
-55 to +150
-55 to +175
0.2
20
700
550
420
330
30.0
15.0
200.0
0.60
0.54
0.69
0.61
0.82
0.68
0.87
0.73


Similar Part No. - MBR3020CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR3020CT PANJIT-MBR3020CT Datasheet
50Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Kersemi Electronic Co.,...
MBR3020CT KERSEMI-MBR3020CT Datasheet
765Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
MBR3020CT KERSEMI-MBR3020CT Datasheet
767Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Digitron Semiconductors
MBR3020CT DIGITRON-MBR3020CT Datasheet
296Kb / 3P
   30A SCHOTTKY RECTIFIER
logo
Yea Shin Technology Co....
MBR3020CT YEASHIN-MBR3020CT Datasheet
1Mb / 4P
   30 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR3020CT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com