Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAN101B Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # PAN101B
Description  CMOS OPTICAL NAVIGATION SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN101B Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button PAN101B Datasheet HTML 5Page - Pixart Imaging Inc. PAN101B Datasheet HTML 6Page - Pixart Imaging Inc. PAN101B Datasheet HTML 7Page - Pixart Imaging Inc. PAN101B Datasheet HTML 8Page - Pixart Imaging Inc. PAN101B Datasheet HTML 9Page - Pixart Imaging Inc. PAN101B Datasheet HTML 10Page - Pixart Imaging Inc. PAN101B Datasheet HTML 11Page - Pixart Imaging Inc. PAN101B Datasheet HTML 12Page - Pixart Imaging Inc. PAN101B Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
PixArt Imaging Inc.
PAN101B
CMOS Optical Navigation Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
9
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, FEB. 2003
DC Electrical Characteristics
Electrical Characteristics over recommended operating conditions. Typical values at 25 °C, V DD =3.0 V
Symbol
Parameter
Min.
Typ.
Max.
Unit
Type: PWR
IDD
Supply Current
Mouse moving (Normal)
15
mA XA, XB, YA, YB, SCLK, SDIO = no load
IDD
Supply Current
Mouse not moving (sleep1)
5
mA
IDD
Supply Current
Mouse not moving (sleep2)
2
mA
IDDPD
Supply Current
(Power Down)
100
uA PD, SCLK, SDIO = high
Type: SCLK, SDIO, PD
VIH
Input voltage HIGH
2
VIL
Input voltage LOW
0.8
V
VOH Output voltage HIGH
0.8 VDD
V
@I OH = 3mA (SDIO only)
VOL Output voltage LOW
0.2VDD
V
@I OL = 3mA (SDIO only)
Type: OSCIN
VIH
Input voltage HIGH
2
V
When driving from an external source
VIL
Input voltage LOW
0.8
V
When driving from an external source
Type: LED
VOL Output voltage LOW
150
mV @I OL = 25mA
Type: XA, XB, YA, YB
VOH Output voltage HIGH
0.8 VDD
V
@I OH = 3mA
VOL Output voltage LOW
0.2VDD
V
@I OL = 3mA


Similar Part No. - PAN101B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PAN1026 PANASONIC-PAN1026 Datasheet
388Kb / 2P
   Dual Mode, Place and Play Bluetooth Module
PAN1026A PANASONIC-PAN1026A Datasheet
891Kb / 26P
   Bluetooth Basic Data Rate and Low Energy Module
More results

Similar Description - PAN101B

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
PMW3360DM-T2QU PIXART-PMW3360DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
PMW3330DM-TZQU PIXART-PMW3330DM-TZQU Datasheet
782Kb / 9P
   Optical Gaming Navigation Sensor
PMW3320DB-TYDU PIXART-PMW3320DB-TYDU Datasheet
458Kb / 9P
   Entry-Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050 Datasheet
1Mb / 31P
   Entry-level Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050_17 Datasheet
1Mb / 9P
   Entry-level Gaming Optical Navigation Sensor
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
   Optical Finger Navigation
ADBM-A350 PIXART-ADBM-A350 Datasheet
1Mb / 52P
   Optical Finger Navigation
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5700 AVAGO-ADNS-5700 Datasheet
310Kb / 41P
   Optical navigation technology
ADBS-A320 AVAGO-ADBS-A320 Datasheet
1Mb / 55P
   Optical Finger Navigation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com