Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAN301ASI-204 Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAN301ASI-204
Description  CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN301ASI-204 Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAN301ASI-204 Datasheet HTML 1Page - Pixart Imaging Inc. PAN301ASI-204 Datasheet HTML 2Page - Pixart Imaging Inc. PAN301ASI-204 Datasheet HTML 3Page - Pixart Imaging Inc. PAN301ASI-204 Datasheet HTML 4Page - Pixart Imaging Inc. PAN301ASI-204 Datasheet HTML 5Page - Pixart Imaging Inc. PAN301ASI-204 Datasheet HTML 6Page - Pixart Imaging Inc. PAN301ASI-204 Datasheet HTML 7Page - Pixart Imaging Inc. PAN301ASI-204 Datasheet HTML 8Page - Pixart Imaging Inc. PAN301ASI-204 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
PAN301A
PAN301A CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
General Description
The PAN301A is a high performance CMOS process optical mouse sensor with DSP integration chip that serves
as a non-mechanical motion estimation engine for implementing a computer mouse.
Key Specification
Power Supply
Wide operating supply range
4.5V~5.5V
Optical Lens
1:1
System Clock 18.432 MHz
Speed
37 inches/sec
Acceleration
20g
Resolution
400/600/800cpi
Frame Rate
3000 frames/sec
Operating
Current
12mA @Mouse moving (Normal)
5mA @Mouse not moving (sleep1)
100uA @Power down mode
Package
Shrunk DIP20
Features
Single 5.0 volt power supply
Precise optical motion estimation technology
Complete 2-D motion sensor
No mechanical parts
Accurate motion estimation over a wide range of
surfaces
High speed motion detection up to 37 inches/sec
and acceleration can be up to 20g
High resolution up to 800cpi
Power down pin and register setting for low
power dissipation.
Power saving mode during times of no movement
Serial Interface for programming and data
transfer
I/O pin 5.0 volt tolerance
Ordering Information
Order number
I/O
Resolution
PAN301ASI-204
CMOS output
400 cpi
PAN301ASI-208
CMOS output
800 cpi
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.3, MAY. 2004
1


Similar Part No. - PAN301ASI-204

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAN301ASI-204 ETC2-PAN301ASI-204 Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
More results

Similar Description - PAN301ASI-204

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAN301BSI-208 PIXART-PAN301BSI-208 Datasheet
464Kb / 27P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
List of Unclassifed Man...
PAN301A ETC2-PAN301A Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Agilent(Hewlett-Packard...
ADNS-3060 HP-ADNS-3060 Datasheet
520Kb / 38P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090 Datasheet
756Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-3080 HP-ADNS-3080 Datasheet
512Kb / 40P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090_17 Datasheet
676Kb / 8P
   High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3090 AVAGO-ADNS-3090 Datasheet
449Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3080 PIXART-ADNS-3080 Datasheet
637Kb / 38P
   High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3080 AVAGO-ADNS-3080 Datasheet
841Kb / 39P
   High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAW3101DB PIXART-PAW3101DB Datasheet
448Kb / 22P
   CMOS OPTICAL MOUSE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com