Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAS109B Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # PAS109B
Description  PAS109BC QQVGA COLOR CMOS IMAGE SENSOR PAS109BB QQVGA MONO CMOS IMAGE SENSOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS109B Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button PAS109B Datasheet HTML 6Page - Pixart Imaging Inc. PAS109B Datasheet HTML 7Page - Pixart Imaging Inc. PAS109B Datasheet HTML 8Page - Pixart Imaging Inc. PAS109B Datasheet HTML 9Page - Pixart Imaging Inc. PAS109B Datasheet HTML 10Page - Pixart Imaging Inc. PAS109B Datasheet HTML 11Page - Pixart Imaging Inc. PAS109B Datasheet HTML 12Page - Pixart Imaging Inc. PAS109B Datasheet HTML 13Page - Pixart Imaging Inc. PAS109B Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PixArt Imaging Inc.
PAS109B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
10
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.1, Mar. 2002
6. Specifications
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Vdd
DC supply voltage
-0.5
3.8
V
Vin
DC input voltage
0.5
Vdd+0.5
V
Vout
DC output voltage
-0.5
Vdd+0.5
V
Topt1
Operating temperature (chip functional)
-10
70
Topt2
Operating temperature (guaranteed performance)
0
40
DC Electrical Characteristics (VDD=3.0V±20%, Ta=10°C~40°C )
Symbol
Parameter
Min.
Typ.
Max.
Unit
Type :PWR
VDD
Analog and digital operating voltage
2.4
3.0
3.6
V
IDD
Operating Current
8
mA
Istby
Standby current
100
uA
Type :IN & I/O Reset and SYSCLK
VIH
Input voltage HIGH
2.0
VDD
V
VIL
Input voltage LOW
0
0.8
V
Cin
Input capacitor
10
pF
Ilkg
Input leakage current
TBD
uA
Type : OUT & I/O for PXD0:7, PXCK, H/VSYNC & SDA, load 10pf, 1.2kΩ, 3.0volts
VOH
Output voltage HIGH
Vdd-0.2
V
VOL
Output voltage LOW
0.2
V
AC Operating Condition
Symbol
Parameter
Min.
Typ.
Max.
Unit
SYSCLK
Master clock frequency
4.5
48
MHz
PXCK
Pixel clock output frequency
1.5
MHz
Sensor Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Photo response non-uniformity
PRNU
1.18
%
Saturation output voltage
Vsat.
1.35
V
Dark output voltage
Vdark
35
mV/sec
Dark signal non-uniformity
DSNU
2.52
%
Sensitivity ( Red channel )
R
2.0
V/Lux-sec
Sensitivity ( Green channel )
G
2.0
V/Lux-sec
Sensitivity ( Blue channel )
B
1.35
V/Lux-sec


Similar Part No. - PAS109B

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS1015LA2R3105 TAIYO-YUDEN-PAS1015LA2R3105 Datasheet
127Kb / 4P
   CYLINDER TYPE PAS CAPACITOR
PAS1015LA3R0105 TAIYO-YUDEN-PAS1015LA3R0105 Datasheet
127Kb / 4P
   CYLINDER TYPE PAS CAPACITOR
PAS1015LR2R3105 TAIYO-YUDEN-PAS1015LR2R3105 Datasheet
127Kb / 4P
   CYLINDER TYPE PAS CAPACITOR
PAS1015LR3R0105 TAIYO-YUDEN-PAS1015LR3R0105 Datasheet
127Kb / 4P
   CYLINDER TYPE PAS CAPACITOR
PAS1016LA2R3105 TAIYO-YUDEN-PAS1016LA2R3105 Datasheet
127Kb / 4P
   CYLINDER TYPE PAS CAPACITOR
More results

Similar Description - PAS109B

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAS005B PIXART-PAS005B Datasheet
1Mb / 41P
   SXGA Color/Mono Digital CMOS Image Sensor
PAC107 PIXART-PAC107 Datasheet
1Mb / 53P
   SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
logo
List of Unclassifed Man...
PAS106B ETC-PAS106B Datasheet
333Kb / 2P
   CIF COLOR CMOS IMAGE SENSOR
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
   VGA CMOS Color Image Sensor
logo
List of Unclassifed Man...
ICM105B ETC1-ICM105B Datasheet
1Mb / 17P
   Color VGA CMOS Image Sensor
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
   CMOS Image Sensor
March, 2016 ??Rev. 5
KAC-12040 ONSEMI-KAC-12040 Datasheet
820Kb / 41P
   CMOS Image Sensor
August, 2015 ??Rev. 4
NOIV1SN5000A ONSEMI-NOIV1SN5000A_16 Datasheet
760Kb / 70P
   CMOS Image Sensor
December, 2016 ??Rev. 7
KAC-06040 ONSEMI-KAC-06040_16 Datasheet
877Kb / 43P
   CMOS Image Sensor
March, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com