Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC5E-2023 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # XC5E-2023
Description  DIN Twin-contact Connectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XC5E-2023 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button XC5E-2023 Datasheet HTML 6Page - Omron Electronics LLC XC5E-2023 Datasheet HTML 7Page - Omron Electronics LLC XC5E-2023 Datasheet HTML 8Page - Omron Electronics LLC XC5E-2023 Datasheet HTML 9Page - Omron Electronics LLC XC5E-2023 Datasheet HTML 10Page - Omron Electronics LLC XC5E-2023 Datasheet HTML 11Page - Omron Electronics LLC XC5E-2023 Datasheet HTML 12Page - Omron Electronics LLC XC5E-2023 Datasheet HTML 13Page - Omron Electronics LLC XC5E-2023 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
94
DIN Twin-contact Connectors
XC5
Tools and Accessories (Sold Separately)
Dust Cover
XC5T-962
(For DIN41612 C- or R-type Triple-row Plugs with 64 or 96 contacts)
XC5T-963
(For DIN41612 C- or R-type Triple-row Sockets with 64 or 96 contacts)
This cover is for protection against dust only, and should not be used
for flux protection during automated soldering.
Coding Cutter
XY2D-0001
Cut the Coding Key on the Plug and insert
the Coding Key in the Coding Key slots on
the Socket to prevent improper insertion of
the Plug into the Socket.
1. Cut the Coding Key(s) in the slot in the
plug housing wall with the special cutting
tool (XY2D-0001).
Note: Coding Cutters may not work with
some DIN-style connector combina-
tions. In that case, contact your OM-
RON representative.
Material: PBT resin (UL94HB)/white
2. Insert the special Coding Key
(XC5Z-0001) into the Coding Key slots
in the housing wall of the corresponding
Socket.
Note: 1. Each XC5Z-0001 has four Coding
Keys.
2. Coding Keys may not work with
some DIN-style connector combi-
nations. In that case, contact your
OMRON representative.
Coding Key
XC5Z-0001
Fastening pins (XC5Z-0002) are used to
keep the connector flush against the board
during automated soldering.
Note: 1. For the XC5A, XC5F, XC5C, and
XC5H.
2. Temporary fastening pins cannot be
used with DIN-style connectors.
Temporary Fastening Pins
XC5Z-0002
(For use with 1.6-mm boards)
Material: Polyamide resin (UL94V-2)/white


Similar Part No. - XC5E-2023

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XC5111WQRTVRQ1 TI1-XC5111WQRTVRQ1 Datasheet
5Mb / 178P
[Old version datasheet]   TAC5111-Q1 Low-power mono audio codec with 100dB dynamic range ADC and 106dB dynamic range DAC
JANUARY 2024
XC5112WQRTVRQ1 TI1-XC5112WQRTVRQ1 Datasheet
5Mb / 178P
[Old version datasheet]   TAC5112-Q1 Low-power stereo audio codec with 100dB dynamic range ADC and 106dB dynamic range DAC
JANUARY 2024
XC5212WQRTVRQ1 TI1-XC5212WQRTVRQ1 Datasheet
5Mb / 179P
[Old version datasheet]   TAC5212-Q1 High-performance stereo audio codec with 118dB dynamic range ADC and 119dB dynamic range DAC
JANUARY 2024
XC5311WQRTVRQ1 TI1-XC5311WQRTVRQ1 Datasheet
5Mb / 206P
[Old version datasheet]   TAC5311-Q1 Automotive Low Power Mono Audio Codec with integrated programmable boost, micbias and diagnostics
JANUARY 2024
XC5312QRGERQ1 TI1-XC5312QRGERQ1 Datasheet
6Mb / 209P
[Old version datasheet]   TAC5312-Q1 Automotive Low Power Stereo Audio Codec with integrated programmable boost, micbias and diagnostics
JANUARY 2024
More results

Similar Description - XC5E-2023

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-583649-3 MACOM-5-583649-3 Datasheet
113Kb / 1P
   CONTACT-TWIN LEAF
logo
Adam Technologies, Inc.
DIP96MRL33A1C1 ADAM-TECH-DIP96MRL33A1C1 Datasheet
154Kb / 1P
   DIN 41612 CONNECTORS
logo
Lumberg
0105 LUMBERG-0105 Datasheet
452Kb / 3P
   DIN circular connectors
0134 LUMBERG-0134 Datasheet
797Kb / 3P
   DIN circular connectors
XS32 LUMBERG-XS32 Datasheet
96Kb / 1P
   DIN circular connectors
0107 LUMBERG-0107 Datasheet
678Kb / 3P
   DIN circular connectors
0122 LUMBERG-0122 Datasheet
771Kb / 3P
   DIN circular connectors
0121 LUMBERG-0121 Datasheet
768Kb / 3P
   DIN circular connectors
0103 LUMBERG-0103_17 Datasheet
792Kb / 3P
   DIN circular connectors
0131 LUMBERG-0131 Datasheet
724Kb / 3P
   DIN circular connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com