Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC5F-4422 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # XC5F-4422
Description  DIN Twin-contact Connectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XC5F-4422 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button XC5F-4422 Datasheet HTML 5Page - Omron Electronics LLC XC5F-4422 Datasheet HTML 6Page - Omron Electronics LLC XC5F-4422 Datasheet HTML 7Page - Omron Electronics LLC XC5F-4422 Datasheet HTML 8Page - Omron Electronics LLC XC5F-4422 Datasheet HTML 9Page - Omron Electronics LLC XC5F-4422 Datasheet HTML 10Page - Omron Electronics LLC XC5F-4422 Datasheet HTML 11Page - Omron Electronics LLC XC5F-4422 Datasheet HTML 12Page - Omron Electronics LLC XC5F-4422 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DIN Twin-contact Connectors
XC5
93
XC5H Triple-row Sockets, DIN R-type (Reverse)
■ Dimensions
■ Ordering Information
*Has no center row (row b).
No. of contacts
Terminal type
Model
48
Right-angle
through-hole
terminals
XC5H-4822
64*
XC5H-6422
96
XC5H-9622
Coding Key slot
Mounting holes (bottom view)
0.8 +0.1 dia.
0
Two, 2.8 dia.
Two, 2.8 dia.
XC5H-
@@22
(With right-angle through-hole terminals)
*Has no center row (row b).
No. of
contacts
Dimensions (mm)
Coding Key slot
positions (contact No.)
ABCD
E
48
53.2
44.4
38.10
48.26
42.3
5, 12
64*
93.8
85.0
78.74
88.90
82.9
6, 13, 20, 27
96
93.8
85.0
78.74
88.90
82.9
6, 13, 20, 27


Similar Part No. - XC5F-4422

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XC5111WQRTVRQ1 TI1-XC5111WQRTVRQ1 Datasheet
5Mb / 178P
[Old version datasheet]   TAC5111-Q1 Low-power mono audio codec with 100dB dynamic range ADC and 106dB dynamic range DAC
JANUARY 2024
XC5112WQRTVRQ1 TI1-XC5112WQRTVRQ1 Datasheet
5Mb / 178P
[Old version datasheet]   TAC5112-Q1 Low-power stereo audio codec with 100dB dynamic range ADC and 106dB dynamic range DAC
JANUARY 2024
XC5212WQRTVRQ1 TI1-XC5212WQRTVRQ1 Datasheet
5Mb / 179P
[Old version datasheet]   TAC5212-Q1 High-performance stereo audio codec with 118dB dynamic range ADC and 119dB dynamic range DAC
JANUARY 2024
XC5311WQRTVRQ1 TI1-XC5311WQRTVRQ1 Datasheet
5Mb / 206P
[Old version datasheet]   TAC5311-Q1 Automotive Low Power Mono Audio Codec with integrated programmable boost, micbias and diagnostics
JANUARY 2024
XC5312QRGERQ1 TI1-XC5312QRGERQ1 Datasheet
6Mb / 209P
[Old version datasheet]   TAC5312-Q1 Automotive Low Power Stereo Audio Codec with integrated programmable boost, micbias and diagnostics
JANUARY 2024
More results

Similar Description - XC5F-4422

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-583649-3 MACOM-5-583649-3 Datasheet
113Kb / 1P
   CONTACT-TWIN LEAF
logo
Adam Technologies, Inc.
DIP96MRL33A1C1 ADAM-TECH-DIP96MRL33A1C1 Datasheet
154Kb / 1P
   DIN 41612 CONNECTORS
logo
Lumberg
0105 LUMBERG-0105 Datasheet
452Kb / 3P
   DIN circular connectors
0134 LUMBERG-0134 Datasheet
797Kb / 3P
   DIN circular connectors
XS32 LUMBERG-XS32 Datasheet
96Kb / 1P
   DIN circular connectors
0107 LUMBERG-0107 Datasheet
678Kb / 3P
   DIN circular connectors
0122 LUMBERG-0122 Datasheet
771Kb / 3P
   DIN circular connectors
0121 LUMBERG-0121 Datasheet
768Kb / 3P
   DIN circular connectors
0103 LUMBERG-0103_17 Datasheet
792Kb / 3P
   DIN circular connectors
0131 LUMBERG-0131 Datasheet
724Kb / 3P
   DIN circular connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com