Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS-01D2 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # SS-01D2
Description  Snap Action Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-01D2 Datasheet(HTML) 4 Page - Omron Electronics LLC

  SS-01D2 Datasheet HTML 1Page - Omron Electronics LLC SS-01D2 Datasheet HTML 2Page - Omron Electronics LLC SS-01D2 Datasheet HTML 3Page - Omron Electronics LLC SS-01D2 Datasheet HTML 4Page - Omron Electronics LLC SS-01D2 Datasheet HTML 5Page - Omron Electronics LLC SS-01D2 Datasheet HTML 6Page - Omron Electronics LLC SS-01D2 Datasheet HTML 7Page - Omron Electronics LLC SS-01D2 Datasheet HTML 8Page - Omron Electronics LLC SS-01D2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
98
Snap Action Switch
SS
Engineering Data
■ Mechanical Service Life
■ Electrical Service Life
■ Mounting
Panel Mounting
All switches may be panel mounted using M2.3 mounting screws with
plane washers or spring washers to securely mount the switch.
Tighten the screws to a torque of 0.23 to 0.26 N·m.
PCB Layout
■ Contact Form
* Consult Omron for SPST-NC and SPST-NO contact form types
ordering information.
(Pin Plunger Models)
SS-01, SS-5 Models
Overtravel (mm)
40,000
30,000
20,000
10,000
5,000
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%
Without load
Operating frequency: 60 operations/min
(Pin Plunger Models)
SS-5 Models
Switching current (A)
5,000
3,000
1,000
500
300
100
50
30
10
0
12
3
4
56
7
125 VAC
250 VAC
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%
Operating frequency: 30 operations/min
cos
φ = 1
Two, 2.4-dia. mounting holes or
M2.3 screw holes
9.5
± 0.1
Three, 1.35 to 1.5 dia.
8.8
+0.15
–0.05
(1.6)
16.1
±0.1
SPDT
SPST-NC
SPST-NO
COM
NC
COM
NO NC
COM
NO


Similar Part No. - SS-01D2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SS-01D OMRON-SS-01D Datasheet
1Mb / 8P
   Subminiature Basic Switch
SS-01D-T OMRON-SS-01D-T Datasheet
1Mb / 8P
   Subminiature Basic Switch
More results

Similar Description - SS-01D2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com