Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSBH50 Datasheet(PDF) 3 Page - Powersem GmbH

Part # PSBH50
Description  Single Phase Half Controlled Bridges
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSBH50 Datasheet(HTML) 3 Page - Powersem GmbH

  PSBH50 Datasheet HTML 1Page - Powersem GmbH PSBH50 Datasheet HTML 2Page - Powersem GmbH PSBH50 Datasheet HTML 3Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PSBH 50
POWERSEM GmbH, Walpersdorfer Str. 53
2002 POWERSEM reserves the right to change limits, test conditions and dimensions
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
0.1
1
10
10
10
10
10
10
01
23
4
mA
V
VG
IG
1
2
3
4
5
6
1: IGT, TVJ = 125°C
2: IGT, TVJ = 25°C
3: IGT, TVJ = -40°C
4: PGAV = 0.5 W
5: PGM = 5 W
6: PGM = 10W
Fig.4 Gate trigger characteristic
50
100
150
200
0
10
20
30
40
50
60
70
DC
sin.180°
rec.120°
rec.60°
rec.30°
T (°C)
C
ITAV
[A]
Fig.5 Maximum forward current
at case temperature
Fig.6 Transient thermal impedance per thyristor or diode
(calculated)
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
K/W
Z th
t[s]
Z thJK
Z thJC
Fig. 7 Power dissipation vs. direct output current and ambient
temperature
50
30
10
0
25
50
75
100
125
150
175
200
80
85
90
95
100
105
110
115
120
125
TC
°C
DC
sin.180°
rec.120°
rec.60°
rec.30°
2.27
1.02
0.61
0.4
0.28 0.15
= RTHCA [K/W]
ITAVM
[A]
Tamb
[K]
0
50
100
150
[W]
PVTOT
PSBH 50


Similar Part No. - PSBH50

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSBH54 POWERSEM-PSBH54 Datasheet
498Kb / 2P
   Single Phase Half Controlled Rectifier Bridge, B2HK
PSBH55 POWERSEM-PSBH55 Datasheet
180Kb / 3P
   Single Phase Half Controlled Bridges
More results

Similar Description - PSBH50

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSBZ50 POWERSEM-PSBZ50 Datasheet
182Kb / 3P
   Single Phase Half Controlled Bridges
PSBZ125 POWERSEM-PSBZ125 Datasheet
209Kb / 3P
   Single Phase Half Controlled Bridges
PSBZ75 POWERSEM-PSBZ75 Datasheet
203Kb / 3P
   Single Phase Half Controlled Bridges
PSBH75 POWERSEM-PSBH75 Datasheet
204Kb / 3P
   Single Phase Half Controlled Bridges
PSBH85 POWERSEM-PSBH85 Datasheet
193Kb / 3P
   Single Phase Half Controlled Bridges
PSBZ55 POWERSEM-PSBZ55 Datasheet
199Kb / 3P
   Single Phase Half Controlled Bridges
PSBH55 POWERSEM-PSBH55 Datasheet
180Kb / 3P
   Single Phase Half Controlled Bridges
PSBH125 POWERSEM-PSBH125 Datasheet
213Kb / 3P
   Single Phase Half Controlled Bridges
PSBZ85 POWERSEM-PSBZ85 Datasheet
206Kb / 3P
   Single Phase Half Controlled Bridges
logo
Inchange Semiconductor ...
PSDH175 ISC-PSDH175 Datasheet
340Kb / 3P
   Three Phase Half Controlled Bridges
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com