Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSBZ36 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSBZ36
Description  Single Phase Half Controlled Rectifier Bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSBZ36 Datasheet(HTML) 1 Page - Powersem GmbH

  PSBZ36 Datasheet HTML 1Page - Powersem GmbH PSBZ36 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single Phase
PSBZ 36
I
dAV
= 36 A
Half Controlled
V
RRM
= 600-1600 V
Rectifier Bridge
Features
Package with DCB ceramic base plate
Isolation voltage 3600 V
Planar glass passivated chips
Low forward voltage drop
Leads suitable for PC board
soldering
UL registered, E 148688
Applications
Supplies for DC power equipment
Imput rectifier for PWM inverter
Battery DC power supplies
Field supply for DC motors
Advantages
Easy to mount with two screws
Space and weight savings
Improved temperature and power
cycling capability
High power density
Small and light weight
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
ECO-PACTM 1
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Data according to IEC 60747 refer to a single thyristor unless otherwise stated
*for resistive load at bridge output
Preliminary Data Sheet
V
RSM
V
RRM
Type
V
DSM
V
DRM
(V)
(V)
700
600 PSBZ 36/06
900
800 PSBZ 36/08
1300 1200 PSBZ 36/12
1500 1400 PSBZ 36/14
1700 1600 PSBZ 36/16
Symbol
Test Conditions
Maximum Ratings
I*
dAV
T
C = 85 °C,
(per module)
36
A
I
TRMS
T
VJ = TVJM
31
A
I
TAVM
T
C = 85 °C,
180° sine, per thyristor
40
A
I
TSM
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
320
A
V
R = 0
t = 8.3 ms (60 Hz), sine
350
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
280
A
V
R = 0
t = 8.3 ms (60 Hz), sine
310
A
∫∫∫∫∫ i2 dt
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
500
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
520
A²s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
390
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
400
A²s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 50 A
150
A/µs
f=50Hz, t
P=200µs
V
D=2/3VDRM
I
G=0.15 A
non repetitive, I
T =1/2
. I
dAV
500
A/µs
di
G/dt=0.15 A/µs
(dv/dt)
cr
T
VJ = TVJM
V
D=2/3VDRM
1000
V/µs
R
GK= ∞, method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P=30µs
10
W
I
T = ITAVM
t
P=500µs
5W
t
P= 10ms
1W
P
GAVM
0.5
W
V
RGM
10
V
T
VJ
-40... + 125
°C
T
VJM
125
°C
T
stg
-40... + 125
°C
V
ISOL
50/60 Hz, RMS t = 1 min
2500
V
I
ISOL ≤ 1 mA
t = 1 s
3000
V
M
d
Mounting torque
(M4)
1.5 - 1.8
Nm
14 - 16
lb.in.
Weight
typ.
16
g


Similar Part No. - PSBZ36

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSBZ125 POWERSEM-PSBZ125 Datasheet
209Kb / 3P
   Single Phase Half Controlled Bridges
PSBZ50 POWERSEM-PSBZ50 Datasheet
182Kb / 3P
   Single Phase Half Controlled Bridges
PSBZ54 POWERSEM-PSBZ54 Datasheet
491Kb / 2P
   Single Phase Half Controlled Rectifier Bridge, B2HZ
PSBZ55 POWERSEM-PSBZ55 Datasheet
199Kb / 3P
   Single Phase Half Controlled Bridges
PSBZ75 POWERSEM-PSBZ75 Datasheet
203Kb / 3P
   Single Phase Half Controlled Bridges
More results

Similar Description - PSBZ36

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VHFD29 IXYS-VHFD29 Datasheet
85Kb / 3P
   Half Controlled Single Phase Rectifier Bridge
VHFD16 IXYS-VHFD16 Datasheet
86Kb / 3P
   Half Controlled Single Phase Rectifier Bridge
VHF15-08IO5 IXYS-VHF15-08IO5 Datasheet
95Kb / 3P
   Half Controlled Single Phase Rectifier Bridge
logo
Powersem GmbH
PSBH25 POWERSEM-PSBH25 Datasheet
189Kb / 2P
   Single Phase Half Controlled Rectifier Bridge
logo
IXYS Corporation
L042 IXYS-L042 Datasheet
61Kb / 3P
   Half Controlled Single Phase Rectifier Bridge
logo
MacMic
MMK35LB160HB MACMIC-MMK35LB160HB Datasheet
554Kb / 4P
   Half Controlled Single Phase Rectifier Bridge
logo
Naina Semiconductor ltd...
NHQ55A NAINA-NHQ55A Datasheet
167Kb / 2P
   Single Phase Half Controlled Bridge Rectifier, 55A
logo
IXYS Corporation
VHF85 IXYS-VHF85 Datasheet
36Kb / 2P
   Half Controlled Single Phase Rectifier Bridge, B2HKF
logo
Naina Semiconductor ltd...
NHQ70A NAINA-NHQ70A Datasheet
167Kb / 2P
   Single Phase Half Controlled Bridge Rectifier, 70A
NHQ45A NAINA-NHQ45A Datasheet
167Kb / 2P
   Single Phase Half Controlled Bridge Rectifier, 45A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com