Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z-15ED Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # Z-15ED
Description  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-15ED Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button Z-15ED Datasheet HTML 10Page - Omron Electronics LLC Z-15ED Datasheet HTML 11Page - Omron Electronics LLC Z-15ED Datasheet HTML 12Page - Omron Electronics LLC Z-15ED Datasheet HTML 13Page - Omron Electronics LLC Z-15ED Datasheet HTML 14Page - Omron Electronics LLC Z-15ED Datasheet HTML 15Page - Omron Electronics LLC Z-15ED Datasheet HTML 16Page - Omron Electronics LLC Z-15ED Datasheet HTML 17Page - Omron Electronics LLC Z-15ED Datasheet HTML 18Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
164
General-purpose Basic Switch
Z
Note: 1. All drawings show the switches with screw terminals. For versions with solder terminals, remove the “-B” from the end of the part number.
2. Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
* The pin plungers of reverse-type models are continuously pressed by the actuator levers with compression coil springs and the pin plungers are freed by operating the levers.
49.2
11.9
25.4 ±0.1
26.2
OP
FP
* Stainless-steel lever
t = 1 *
20.2 16.9
13.9
48
.5R
9.5 dia.
× 4
(plastic roller)
9.2
17.45±0.2
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
Hinge Roller Lever
Z-15GW255-B
OF max.
RF min.
OT min.
MD max.
130 gf
21 gf
4 mm
1.6 mm
FP max.
OP
36.5 mm
30.2
±0.8 mm
49.2
11.9
25.4±0.1
26.2
Operating direction
OP
FP
* Stainless-steel lever
t = 1 *
20.2
34.1 max.
16.9
13.9
9.5 dia.
× 4
(plastic roller)
11.1R
9.2
17.45 ±0.2
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
Unidirectional Short Hinge Roller Lever
Z-15GW227755-B
OF max.
RF min.
OT min.
MD max.
180 gf
50 gf
2.4 mm
0.8 mm
FP max.
OP
43.6 mm
41.3
±0.8 mm
49.2
11.9
25.4 ±0.1
18.65
56R
17.45 ±0.2
4.9
OP
FP
* Stainless-steel lever
t = 1 *
20.2 17.4
13.9
9.2
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
Reverse Hinge Lever *
Z-15GM55-B
OF max.
RF min.
OT min.
MD max.
200 gf
28 gf
5.6 mm
0.89 mm
FP max.
OP
23.8 mm
19
±0.8 mm
49.2
11.9
25.4±0.1
18.65
17.45±0.2
OP
FP
* Stainless-steel lever
t = 1 *
20.2 17.4
13.9
9.5 dia.
× 4
(plastic roller)
9.2
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
Reverse Short Hinge Roller Lever *
Z-15GM2255-B
OF max.
RF min.
OT min.
MD max.
580 gf
170 gf
2 mm
0.28 mm
FP max.
OP
31.8mm
29.4
±0.4mm
17.45 ±0.2
9.5 dia.
× 4
(plastic roller)
49.2
11.9
25.4 ±0.1
18.65
OP
FP
* Stainless-steel lever
t = 1 *
20.2 17.4
13.9
40.6R
9.2
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
Reverse Hinge Roller Lever *
Z-15GM255-B
OF max.
RF min.
OT min.
MD max.
270 gf
56 gf
4 mm
0.64 mm
FP max.
OP
35 mm
30.2
±0.8 mm


Similar Part No. - Z-15ED

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
Z-15E-B OMRON-Z-15E-B Datasheet
1Mb / 6P
   Common Accessories
More results

Similar Description - Z-15ED

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
DZ-10G-1A OMRON-DZ-10G-1A Datasheet
1Mb / 8P
   Special-purpose Basic Switch
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com