Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z-10FY-B Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # Z-10FY-B
Description  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-10FY-B Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button Z-10FY-B Datasheet HTML 10Page - Omron Electronics LLC Z-10FY-B Datasheet HTML 11Page - Omron Electronics LLC Z-10FY-B Datasheet HTML 12Page - Omron Electronics LLC Z-10FY-B Datasheet HTML 13Page - Omron Electronics LLC Z-10FY-B Datasheet HTML 14Page - Omron Electronics LLC Z-10FY-B Datasheet HTML 15Page - Omron Electronics LLC Z-10FY-B Datasheet HTML 16Page - Omron Electronics LLC Z-10FY-B Datasheet HTML 17Page - Omron Electronics LLC Z-10FY-B Datasheet HTML 18Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
General-purpose Basic Switch
Z
161
■ Drip-proof Models (without Terminal Protective Cover)
Note: 1. All drawings show the switches with screw terminals. For versions with solder terminals, remove the “-B” from the end of the part number.
2. Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
Terminals
COM
NO
NC
13
2
49.2
Three, M4
× 5.5
Terminal screws
(with toothed
washer)
17.45±0.2
9.2
20
20
Note: With reverse action models (Z-15GM), the
positions of NO and NC terminals are reversed.
17.45±0.2
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
49.2
11.9
25.4±0.1
23.3±0.25
23.9
OP
PT
3.9 dia.
6SR *
* Stainless-steel plunger
9.2
Pin Plunger
Z-15G55-B
Z-01H55-B
Model
Z-15G55-B
Z-01H55-B
OF
RF min.
PT max.
OT min.
MD max.
250 to 430 gf
114 gf
2.2 mm
0.13 mm
0.06 mm
350 gf max.
80 gf
2.2 mm
0.13 mm
0.06 mm
OP
15.9
±0.4 mm
49.2
11.9
25.4±0.1
23.3±0.25
23.9
OP
PT
7.15 dia.
11.9SR *
* Stainless-steel plunger
15 dia.
9.2
17.45±0.2
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
Short Spring Plunger
Z-15GD55-B
Z-01HD55-B
Model
Z-15GD55-B
Z-01HD55-B
OF max.
RF min.
PT max.
OT min.
MD max.
540 gf
114 gf
1.8 mm
1.6 mm
0.06 mm
370 gf
80 gf
1.9 mm
1.6 mm
0.06 mm
OP
21.5
±0.5 mm
49.2
11.9
25.4±0.1
23.3±0.25
23.9
OP
PT
7.15 dia.
11.9SR *
* Stainless-steel plunger
17 dia.
9.2
17.45±0.2
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
Spring Plunger
Z-15GK55-B
OF max.
RF min.
PT max.
OT min.
MD max.
540 gf
114 gf
2.3 mm
1.6 mm
0.06 mm
OP
28.2
±0.5 mm
49.2
11.9
25.4 ±0.1
23.3 ±0.25
23.5
OP
PT
8.35 dia.
11.9SR *
* Stainless-steel plunger
17 dia.
9.2
17.45±0.2
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
Z-15GK355-B
OF max.
RF min.
PT max.
OT min.
MD max.
540 gf
114 gf
2.4 mm
3.5 mm
0.06 mm
OP
37.8
±1.2 mm


Similar Part No. - Z-10FY-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
Z-10FW1Y55-BC OMRON-Z-10FW1Y55-BC Datasheet
1Mb / 6P
   Common Accessories
Z-10FW22Y55-B OMRON-Z-10FW22Y55-B Datasheet
1Mb / 6P
   Common Accessories
More results

Similar Description - Z-10FY-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
DZ-10G-1A OMRON-DZ-10G-1A Datasheet
1Mb / 8P
   Special-purpose Basic Switch
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com