Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z-01HD55 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # Z-01HD55
Description  General-purpose Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z-01HD55 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button Z-01HD55 Datasheet HTML 9Page - Omron Electronics LLC Z-01HD55 Datasheet HTML 10Page - Omron Electronics LLC Z-01HD55 Datasheet HTML 11Page - Omron Electronics LLC Z-01HD55 Datasheet HTML 12Page - Omron Electronics LLC Z-01HD55 Datasheet HTML 13Page - Omron Electronics LLC Z-01HD55 Datasheet HTML 14Page - Omron Electronics LLC Z-01HD55 Datasheet HTML 15Page - Omron Electronics LLC Z-01HD55 Datasheet HTML 16Page - Omron Electronics LLC Z-01HD55 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
General-purpose Basic Switch
Z
159
Note: 1. All drawings show the switches with screw terminals. For versions with solder terminals, remove the “-B” from the end of the part number.
2. Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
49.2
11.9
25.4±0.1
26.2
OP
PT
4.9
* Stainless-steel lever
t = 1 *
20.2 16.9
13.9
63.5R
9.2
17.45±0.2
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
Low-force Hinge Lever
Z-15GW4-B
OF max.
RF min.
PT max.
OT min.
MD max.
28 gf
3.5 gf
10 mm
5.6 mm
1.27 mm
OP
19
±0.8mm
25.4±0.1
* Stainless-steel lever
t = 0.8 *
17.45±0.2
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
49.2
11.9
26.2
OP
PT
5
20.2 16.9
13.9
0
2
1
R
2
9.2
4.2+0.075
-0.025
120R
Z-15HW24-B
OF max.
RF min.
PT max.
OT min.
MD max.
6 gf
0.5 gf
19.8 mm
10 mm
2 mm
OP
19.8
±1.6 mm
25.4±0.1
* Stainless-steel wire lever
t = 1 *
3 max.
17.45±0.2
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
49.2
11.9
26.2
OP
PT
20.2 16.9
13.9
9.2
63.5R
Low-force Wire Hinge Lever
Z-15HW52-B
Z-15HW78-B (Lever Length: 110R) *
Model
Z-15HW52-B
OF max.
RF min.
PT max.
OT min.
MD max.
6 gf
0.5 gf
8.3 mm
5.6 mm
0.65 mm
OP
19
±1 mm
Model
Z-15HW78-B
OF max.
RF min.
PT max.
OT min.
MD max.
4 gf
0.3 gf
10 mm
6 mm
3 mm
OP
20
±1 mm
* The external dimensions of the actuator vary.
Note: AC electrical ratings: 10 A, 125/250 V.
49.2
11.9
25.4±0.1
26.2
OP
FP
* Stainless-steel lever
t = 1 *
20.2 16.9
13.9
9.5 dia.
× 4
(plastic roller)
9.2
17.45±0.2
4.2 +0.075
-0.025
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
Short Hinge Roller Lever
Z-15GW22-B
Z-01HW22-B
Z-15HW22-B
Z-10FW22Y-B
Z-15EW22-B
Z-15GW2-B *
Z-15HW2-B *
Z-10FW2Y-B *
* The external dimensions
of the actuator vary.
(Lever Length: 48.5R)
Model
Z-15GW22-B
Z-15HW22-B
Z-15EW22-B
Z-01HW22-B
Z-10FW22Y-B
Z-15GW2-B
Z-15HW2-B
Z-10FW2Y-B
OFmax.
RF min.
OT min.
MD max.
160 gf
42 gf
2.4 mm
0.5 mm
150 gf
42 gf
2.4 mm
0.45 mm
198 gf
42 gf
2.4 mm
1.3 mm
160 gf
28 gf
2.4 mm
0.5 mm
250 gf
35 gf
2.4 mm
1 mm
100 gf
22 gf
4 mm
1.02 mm
86 gf
22 gf
4 mm
0.6 mm
130 gf
22 gf
4 mm
2 mm
FP max.
OP
32.5 mm
30.2
±0.4 mm
35.1 mm
30.2
±0.4 mm
32.5 mm
30.2
±0.4 mm
34.8 mm
30.2
±0.4 mm
36.5 mm
30.2
±0.8 mm
37.4 mm
30.2
±0.8 mm


Similar Description - Z-01HD55

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
DZ-10G-1A OMRON-DZ-10G-1A Datasheet
1Mb / 8P
   Special-purpose Basic Switch
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com