Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSBI30 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSBI30
Description  Rectifier Module for Power Factor Correction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSBI30 Datasheet(HTML) 1 Page - Powersem GmbH

  PSBI30 Datasheet HTML 1Page - Powersem GmbH PSBI30 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rectifier Module
PSBI 30/06
I
C25
= 42 A
for Power Factor Correction
V
CES
= 600 V
I
F25
= 42 A
V
RRM
= 1400 V
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
ECO-PACTM 1
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Data according to IEC 60747 refer to a single diode
unless otherwise stated
Preliminary Data Sheet
IGBT
Symbol
Test Conditions
Maximum Ratings
V
CES
T
VJ = 25 °C to 150 °C
600
V
V
GES
continuous
±20
V
I
C25
T
C = 25 °C
42
A
I
C80
T
S = 80 °C
29
A
RBSOA
V
CE = 600 V, RG = 10 Ω, TVJ = 125 °C
I
CM = 100
A
clamped inductive load, L = 100 µH
V
CEK≤VCES
t
SC
V
CE = 600 V, VGE = ±15 V, RG = 10 Ω,10
µs
T
VJ = 125 °C, non-repetitive
Symbol
Test Conditions
Characteristic Values
T
VJ = 25 °C, unless otherwise specified
V
CE(sat)
V
GE = 15 V, IC = 30 A, TVJ = 25 °C
max.
2.9
V
V
CE(sat)
V
GE = 15 V, IC = 30 A, TVJ = 25 °C
typ.
2.4
V
V
CE(sat)
T
VJ = 125 °C
typ.
2.9
V
V
GE(th)
V
GE = VCE, IC = 0.3 mA
min.
3
V
V
GE(th)
V
GE = VCE, IC = 0.3 mA
max.
5
V
I
CES
V
CE = VCES, VGE = 0 V, TVJ = 25 °C max.
0.04
mA
I
CES
T
VJ = 125 °C typ.
1
mA
I
GES
V
CE = 0 V, VGE = ±20 V
max.
100
nA
t
d(on)
typ.
30
ns
t
r
typ.
50
ns
t
d(off)
typ.
270
ns
t
f
typ.
70
ns
E
on
typ.
0.78
mJ
E
off
typ.
0.55
mJ
C
ies
V
CE = 25 V, f = 1 MHz, VGE = 0 V
typ.
1500
pF
Q
Gon
V
CE = 480 V, I
C = 30 A, VGE = 15 V typ.
140
nC
R
thJC
max.
0.96
K/W
R
thJH
max.
tbd
K/W
}
Module
Symbol
Test Conditions
Maximum Ratings
T
VJ
-40...+150
°C
T
JM
150
°C
T
stg
-40...+150
°C
V
isol
50/60 Hz
t = 1 min
3000
V
Iisol
≤ 1 mA t = 1 s
3600
V
M
d
Mounting torque (M 4)
1.5-1.8
Nm
Weight
typ.
18
g
inductive load, T
VJ = 125 °C
V
CE = 400 V, IC = 10 A
V
GE = ±15 V, R
G = 10 Ω
Caution: These devices are sensitive
to electrostatic discharge. Users should
observe proper ESD handling precautions.
Features
Package with DCB ceramic base
plate and soldering pins for PCB
mounting
Isolation voltage over 3000 V∼
Planar glasspassivated chips
NPT IGBT with low saturation
voltage, ultra fast switching
capability, high RBSOA and
short circuit ruggedness
leads suitable for PC board
soldering
UL registered, E 148688
Applications
single phase rectification with
power factor correction (PFC)
low harmonic content of mains
current
mains current and voltage in phase
wide input voltage range, controlled
output voltage
H
N
5
7
- 4
~1
+3
- G
~ A
+ D


Similar Part No. - PSBI30

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSBI33 POWERSEM-PSBI33 Datasheet
93Kb / 2P
   Rectifier Module for Power Factor Correction
PSBI33/06 POWERSEM-PSBI33/06 Datasheet
93Kb / 2P
   Rectifier Module for Power Factor Correction
More results

Similar Description - PSBI30

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSBI9 POWERSEM-PSBI9 Datasheet
291Kb / 2P
   Rectifier Module for Power Factor Correction
PSBI33 POWERSEM-PSBI33 Datasheet
93Kb / 2P
   Rectifier Module for Power Factor Correction
logo
IXYS Corporation
VUM33-06PH IXYS-VUM33-06PH Datasheet
344Kb / 8P
   Module for Power Factor Correction
VUM85-05A IXYS-VUM85-05A Datasheet
70Kb / 3P
   Rectifier Module for Three Phase Power Factor Correction
VUI30-12N1 IXYS-VUI30-12N1 Datasheet
54Kb / 2P
   Rectifier Module for Three Phase Power Factor Correction
VUM25-05E IXYS-VUM25-05E Datasheet
82Kb / 4P
   Rectifier Module for Three Phase Power Factor Correction
logo
Bi technologies
7720 BITECH-7720 Datasheet
59Kb / 4P
   Power Factor Correction Module
7720-1A BITECH-7720-1A Datasheet
60Kb / 4P
   Power Factor Correction Module
7700 BITECH-7700 Datasheet
87Kb / 8P
   Power Factor Correction Power Module
7700B BITECH-7700B Datasheet
87Kb / 8P
   Power Factor Correction Power Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com