Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN16118 Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part # VN16118
Description  Gigabit Ethernet Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VN16118 Datasheet(HTML) 2 Page - Vaishali Semiconductor

  VN16118 Datasheet HTML 1Page - Vaishali Semiconductor VN16118 Datasheet HTML 2Page - Vaishali Semiconductor VN16118 Datasheet HTML 3Page - Vaishali Semiconductor VN16118 Datasheet HTML 4Page - Vaishali Semiconductor VN16118 Datasheet HTML 5Page - Vaishali Semiconductor VN16118 Datasheet HTML 6Page - Vaishali Semiconductor VN16118 Datasheet HTML 7Page - Vaishali Semiconductor VN16118 Datasheet HTML 8Page - Vaishali Semiconductor VN16118 Datasheet HTML 9Page - Vaishali Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
VN16118
Preliminary
1999-12-15
Page 2
MDSN-0001-00
Vaishali Semiconductor l 747 Camden Avenue l Campbell l CA 95008 l Ph. 408.379.2900 l Fax 408.379.2937
Figure 1. Functional Block Diagram
Input Data Latch
DOUT+
DOUT-
EWRAP
10
10
DIN+
DIN-
10
10
125 MHz
62.5 MHz
62.5 MHz
Shift Registers
TX PLL Clock
Generator
TX<9:0>
TX_CLK
Shift
Registers
RX PLL Clock
Recovery
FRAME
ENABLE
Output Latch
10
÷ 2
RX_CLK<1>
RX_CLK<0>
RX<9:0>
EN_CDET
COM_DET


Similar Part No. - VN16118

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
VN16-210-0014-X AMPHENOL-VN16-210-0014-X Datasheet
666Kb / 7P
   amphenol-tuchel electronics gmbh
logo
Vaishali Semiconductor
VN16218 VAISH-VN16218 Datasheet
135Kb / 11P
   2.5 Gigabit SERDES Transceiver
VN16218L2 VAISH-VN16218L2 Datasheet
135Kb / 11P
   2.5 Gigabit SERDES Transceiver
logo
STMicroelectronics
VN16B STMICROELECTRONICS-VN16B Datasheet
185Kb / 11P
   ISO HIGH SIDE SMART POWER SOLID STATE RELAY
VN16B STMICROELECTRONICS-VN16B Datasheet
209Kb / 14P
   ISO HIGH SIDE SMART POWER SOLID STATE RELAY
More results

Similar Description - VN16118

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
logo
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
   Quad Gigabit Ethernet Transceiver
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
   Gigabit Ethernet Transceiver Macrocell
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1636 HP-HDMP-1636 Datasheet
325Kb / 15P
   Gigabit Ethernet Transceiver Chip
logo
Texas Instruments
TNETE2201B TI-TNETE2201B Datasheet
256Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201B TI1-TNETE2201B_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com