Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

II3216K1R2 Datasheet(PDF) 1 Page - RFE international

Part # II3216K1R2
Description  SURFACE MOUNT INDUCTORS II3216 Series: 1206 Multilayer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

II3216K1R2 Datasheet(HTML) 1 Page - RFE international

  II3216K1R2 Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV 2001
C4BB04
SURFACE MOUNT INDUCTORS
II3216 Series: 1206 Multilayer
Size 1206
3.2±0.2
0.6 to 1.6
±0.3
1.6±0.2
0.5±0.3
Size in mm
For the II3225 Series, 1210 size multilayer, call your RFE International, Inc. sales person for pricing and availability.
TYPE
THICKNESS
INDUCTANCE mH
Q
L, Q
SRF
DC
RATED
(mm)
100MHz
min
Test
(MHz)
RESISTANCE
CURRENT
±10%(K) or
Freq.
min
W(max)
mA(max)
±20%(M)
MHz
II3216K47N
0.6 ±0.2
0.047(M)
20
50
320
0.15
300
II3216K68N
0.6 ±0.2
0.068(M)
20
50
280
0.25
300
II3216KR10
0.6 ±0.2
0.10
20
25
235
0.25
250
II3216KR12
0.6 ±0.2
0.12
20
25
220
0.30
250
II3216KR15
0.6 ±0.2
0.15
20
25
200
0.30
250
II3216KR18
0.6 ±0.2
0.18
20
25
185
0.40
250
II3216KR22
0.6 ±0.2
0.22
20
25
170
0.40
250
II3216KR27
0.6 ±0.2
0.27
20
25
150
0.50
250
II3216KR33
0.6 ±0.2
0.33
20
25
145
0.60
250
II3216KR39
1.1 ±0.3
0.39
25
25
135
0.50
200
II3216KR47
1.1 ±0.3
0.47
25
25
125
0.60
200
II3216KR56
1.1 ±0.3
0.56
25
25
115
0.70
150
II3216KR68
1.1 ±0.3
0.68
25
25
105
0.80
150
II3216KR82
1.1 ±0.3
0.82
25
25
100
0.90
150
II3216K1R0
1.1 ±0.3
1.0
25
10
75
0.40
100
II3216K1R2
1.1 ±0.3
1.2
25
10
65
0.50
100
II3216K1R5
1.1 ±0.3
1.5
35
10
60
0.50
50
II3216K1R8
1.1 ±0.3
1.8
30
10
55
0.50
50
II3216K2R2
1.1 ±0.3
2.2
30
10
50
0.60
50
II3216K2R7
1.1 ±0.3
2.7
30
10
45
0.60
50
II3216K3R3
1.1 ±0.3
3.3
30
10
41
0.70
50
II3216K3R9
1.1 ±0.3
3.9
30
10
38
0.80
50
II3216K4R7
1.1 ±0.3
4.7
30
10
35
0.90
50
II3216K5R6
1.1 ±0.3
5.6
35
4
32
0.70
30
II3216K6R8
1.1 ±0.3
6.8
35
4
29
0.80
30
II3216K8R2
1.1 ±0.3
8.2
35
4
26
0.90
30
II3216K100
1.1 ±0.3
10.0
35
2
24
1.00
30
II3216K120
1.1 ±0.3
12.0
35
2
22
1.05
15
II3216K150
1.1 ±0.3
15.0
35
2
19
0.70
5
II3216K180
1.1 ±0.3
18.0
35
1
18
0.70
5
II3216K220
1.6 ±0.3
22.0
35
1
16
0.90
5
II3216K270
1.6 ±0.3
27.0
35
1
14
0.90
5
II3216K330
1.6 ±0.3
33.0
35
0.4
13
1.05
5
Performance curves are on page C4BB05.
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Description - II3216K1R2

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BML BITECH-BML Datasheet
266Kb / 3P
   Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
logo
RFE international
II2012K47N RFE-II2012K47N Datasheet
54Kb / 1P
   SURFACE MOUNT INDUCTORS II2012 Series: 0805 Multilayer
II1608K47M RFE-II1608K47M Datasheet
56Kb / 1P
   SURFACE MOUNT INDUCTORS II1608 Series: 0603 Multilayer
IIH2012F-1N5 RFE-IIH2012F-1N5 Datasheet
61Kb / 1P
   SURFACE MOUNT INDUCTORS IIH2012 Series: 0805 Multilayer
logo
NIC-Components Corp.
NFI12K180TRF NIC-NFI12K180TRF Datasheet
147Kb / 5P
   SURFACE MOUNT CASE SIZES (0603 ~ 1206)
logo
Bivar, Inc.
SM1206AC BIVAR-SM1206AC Datasheet
1Mb / 6P
   SURFACE MOUNT LED AMBER, 1206 PACKAGE
Revision B 04/22
SM1206UOC BIVAR-SM1206UOC Datasheet
648Kb / 5P
   SURFACE MOUNT LED ORANGE, 1206 PACKAGE
Revision A 03/09
logo
List of Unclassifed Man...
F1206FA0500V063T ETC2-F1206FA0500V063T Datasheet
103Kb / 3P
   1206 Fast Acting Surface Mount Fuses
F1206SB1000V063T ETC2-F1206SB1000V063T Datasheet
112Kb / 4P
   1206 Slow Blow Surface Mount Fuses
logo
Bivar, Inc.
SM1206YC BIVAR-SM1206YC Datasheet
646Kb / 5P
   SURFACE MOUNT LED YELLOW, 1206 PACKAGE
Revision A 03/09
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com