Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSBDIN30A242528 Datasheet(PDF) 3 Page - Powersem GmbH

Part # PSBDIN30A242528
Description  DIN Ready Solid State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSBDIN30A242528 Datasheet(HTML) 3 Page - Powersem GmbH

  PSBDIN30A242528 Datasheet HTML 1Page - Powersem GmbH PSBDIN30A242528 Datasheet HTML 2Page - Powersem GmbH PSBDIN30A242528 Datasheet HTML 3Page - Powersem GmbH PSBDIN30A242528 Datasheet HTML 4Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIN Ready Solid State Relay
POWERSEM reserves the right to change limits, test conditions and dimensions -
info@POWERSEM.net - www.POWERSEM.net
”
POWERSEM 2007 All rights reserved
10 20 30 40 50 60 70 80 90
12
10
8
6
4
2
AMBIENT TEMPERATURE IN ° C
0
DERATING CURVE FOR 10 A DIN SSR
10 20 30 40 50 60 70 80 90
30
25
20
16
10
5
AMBIENT TEMPERATURE IN ° C
0
DERATING CURVE FOR 16 A DIN SSR


Similar Part No. - PSBDIN30A242528

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSBDIN30A242528 POWERSEM-PSBDIN30A242528 Datasheet
201Kb / 4P
   DIN Ready Solid State Relay
More results

Similar Description - PSBDIN30A242528

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSBDIN30D241000 POWERSEM-PSBDIN30D241000 Datasheet
199Kb / 4P
   DIN Ready Solid State Relay
PSBDIN30A48V660V POWERSEM-PSBDIN30A48V660V Datasheet
204Kb / 4P
   DIN Ready Solid State Relay
PSBDIN30D661000 POWERSEM-PSBDIN30D661000 Datasheet
195Kb / 4P
   DIN Ready Solid State Relay
PSBDIN30A24V240V POWERSEM-PSBDIN30A24V240V Datasheet
201Kb / 4P
   DIN Ready Solid State Relay
PSBDIN30A661028 POWERSEM-PSBDIN30A661028 Datasheet
204Kb / 4P
   DIN Ready Solid State Relay
PSBDIN30D24V240V POWERSEM-PSBDIN30D24V240V Datasheet
199Kb / 4P
   DIN Ready Solid State Relay
PSBDIN30D48V660V POWERSEM-PSBDIN30D48V660V Datasheet
195Kb / 4P
   DIN Ready Solid State Relay
logo
celduc-relais
SWM862080 CELDUC-SWM862080 Datasheet
231Kb / 2P
   Ready to use Solid State Relay
SWM841080 CELDUC-SWM841080 Datasheet
119Kb / 2P
   Ready to use Solid State Relay
SWM865080 CELDUC-SWM865080 Datasheet
130Kb / 2P
   Ready to use Solid State Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com