Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS3345 Datasheet(PDF) 4 Page - Vaishali Semiconductor

Part # VS3345
Description  High Speed CMOS VSwitch 8-Bit Bus Switches with Active High & Low Enables
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VS3345 Datasheet(HTML) 4 Page - Vaishali Semiconductor

  VS3345 Datasheet HTML 1Page - Vaishali Semiconductor VS3345 Datasheet HTML 2Page - Vaishali Semiconductor VS3345 Datasheet HTML 3Page - Vaishali Semiconductor VS3345 Datasheet HTML 4Page - Vaishali Semiconductor VS3345 Datasheet HTML 5Page - Vaishali Semiconductor VS3345 Datasheet HTML 6Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VS3345/VS32345
2001-04-12
Page 4
MDSS-0010-01
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
VOH
Output Voltage
(V)
3
4
5
Vout
(V)
0
1
2
Vin (V)
4
5
3
2
1
0
VCC = 4.3V
Figure 3. VOLTAGE TRANSLATION
Figure 5. Voltage Translation Application
Figure 4. VOH CHARACTERISTICS
VCC – Supply Voltage (V)
2.0
2.5
5.5
5.0
4.5
3.5
3.0
4.0
4.5
4.75
5.25
TA = 85
°C
TA = 25
°C
TA = - 40
°C
10k
1N4148
or equivalent
VCC
10k
VCC = 5V
I/O
VS3345
VS32345
3.3V
DEVICE
5V
DEVICE
I/O
OE
/OE


Similar Part No. - VS3345

ManufacturerPart #DatasheetDescription
logo
Rohm
VS33VUA1VWM ROHM-VS33VUA1VWM Datasheet
1Mb / 10P
   Transient Voltage Suppressor
2022/01/18_Rev.002
VS33VUA1VWMTF ROHM-VS33VUA1VWMTF Datasheet
1Mb / 10P
   Transient Voltage Suppressor
2022/01/18_Rev.002
More results

Similar Description - VS3345

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3245 VAISH-VS3245 Datasheet
55Kb / 6P
   High Speed CMOS VSwitch 8-Bit Bus Switches
VS32X245 VAISH-VS32X245 Datasheet
57Kb / 6P
   High Speed CMOS VSwitch 16-Bit Bus Switches
VS3244 VAISH-VS3244 Datasheet
56Kb / 6P
   High Speed CMOS VSwitch Dual 4-Bit Bus Switches
logo
Renesas Technology Corp
QS3125 RENESAS-QS3125 Datasheet
251Kb / 6P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
MAY 2019
logo
Integrated Device Techn...
IDTQS3125 IDT-IDTQS3125 Datasheet
43Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
IDTQS3R862 IDT-IDTQS3R862 Datasheet
51Kb / 5P
   QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
IDTQS3126 IDT-IDTQS3126 Datasheet
38Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE HIGH ENABLES
logo
Renesas Technology Corp
IDTQS3306A RENESAS-IDTQS3306A Datasheet
380Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS DUAL BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
OCTOBER 2011
QS3126 RENESAS-QS3126 Datasheet
247Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE HIGH ENABLES
MAY 2019
logo
Pericom Semiconductor C...
PI5C3306 PERICOM-PI5C3306_10 Datasheet
531Kb / 4P
   2-Bit Bus Switch with Active Low Enables
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com