Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRWA120W-10R-J-HP Datasheet(PDF) 1 Page - RFE international

Part # HRWA120W-10R-J-HP
Description  HIGH POWER WIRE WOUND RESISTOR HRW Series: Non-Flammable, Wire Wound
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

HRWA120W-10R-J-HP Datasheet(HTML) 1 Page - RFE international

  HRWA120W-10R-J-HP Datasheet HTML 1Page - RFE international HRWA120W-10R-J-HP Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
C2E01
REV 2002.08.14
HIGH POWER WIRE WOUND RESISTOR
HRW Series: Non-Flammable, Wire Wound
Watts
Dimensions (m/m)
Ohms
Power Rating
A±1
B±2
C±2
D±0.1 E±0.2
F±1
G±2
H±2
I±2
J±2
K±0.1
Resistance Range
10W
12.5
45
35
2.1
4
10
55
56
57
30
4
1 ~ 10K
20W
16.5
60
45
3
5
12
70
84
100
37
4
1 ~ 20K
30W
16.5
80
65
3
5
12
90
104
120
37
4
1 ~ 30K
40W
16.5 110
95
3
5
12
120
134
150
37
4
1 ~ 40K
50W
25
110
92
5.2
8
19
120
142
164
58
6
0.1 ~ 50K
60W
28
90
72
5.2
8
17
101
123
145
60
6
0.1 ~ 60K
80W
28
110
92
5.2
8
17
121
143
165
60
6
0.1 ~ 80K
100W
28
140
122
5.2
8
17
151
173
195
60
6
0.1 ~ 100K
120W
28
160
142
5.2
8
17
171
193
215
60
6
0.1 ~ 120K
150W
28
195
177
5.2
8
17
206
229
250
60
6
0.1 ~ 150K
160W
35
185
167
5.2
8
17
197
217
245
75
8
0.1 ~ 160K
200W
35
210
192
5.2
8
17
222
242
270
75
8
0.1 ~ 200K
250W
40
210
188
5.2
10
18
222
242
270
77
8
0.5 ~ 250K
300W
40
260
238
5.2
10
18
272
292
320
77
8
0.5 ~ 300K
400W
40
330
308
5.2
10
18
342
380
390
77
8
0.5 ~ 400K
500W
50
330
304
6.2
12
28
346
367
399
105
9
0.5 ~ 500K
600W
50
400
384
6.2
12
28
416
437
469
105
9
1 ~ 600K
800W
60
460
425
6.2
15
30
480
504
533
112
10
1 ~ 800K
1000W
60
540
505
6.2
15
30
560
584
613
112
10
1 ~ 1M
1300W
65
650
620
6.2
15
30
667
700
715
115
10
1 ~ 1.3M
A type : Fixed Resistor
B type : Fixed with a tap
C type : Adjustable Resistor
N type : Non-inductively wound
Hardware: HS = Screw
HP = Press in Bracket
HX = Special
Omit = No Hardware
Series
Hardware
Type
Tolerance
J=5%
Wattage
Resistance
HRW A 10W-10R-J-HS
FEATURES
PART NUMBER EXAMPLE
SPECIFICATIONS
• Non-Flammable
• Wire Wound
12W
12.5
45
35
2.1
4
10
55
56
57
30
4
1 ~ 15K
B
C
D
E
F
G
H
I
J
K = Width of
mounting slot
(Models with
brackets only)
A


Similar Part No. - HRWA120W-10R-J-HP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HRW0202 HITACHI-HRW0202 Datasheet
31Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0202A HITACHI-HRW0202A Datasheet
31Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Renesas Technology Corp
HRW0202A RENESAS-HRW0202A Datasheet
72Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Guangdong Kexin Industr...
HRW0202A KEXIN-HRW0202A Datasheet
34Kb / 1P
   Silicon Schottky Barrier Diode
logo
Hitachi Semiconductor
HRW0202B HITACHI-HRW0202B Datasheet
33Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
More results

Similar Description - HRWA120W-10R-J-HP

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
R-10W UNIOHM-R-10W Datasheet
488Kb / 1P
   Power Type Wire Wound Resistors Non Flammable Wire Wound Resistor
logo
RFE international
HQA10W-10R-J-HS RFE-HQA10W-10R-J-HS Datasheet
126Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR HQ Series: Non-Flammable, Low Resistance
HZA80W-10R-J-HP RFE-HZA80W-10R-J-HP Datasheet
102Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR HZ HQZ Series: Flat Type, Non-Flammable
logo
List of Unclassifed Man...
KH15 ETC-KH15 Datasheet
954Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
KR80 ETC-KR80 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
TE Connectivity Ltd
9-1773453-2 TEC-9-1773453-2 Datasheet
286Kb / 5P
   High Power Wire Wound Resistor
logo
RFE international
HM2A80W-10R-J-250 RFE-HM2A80W-10R-J-250_V01 Datasheet
598Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR
2020.02.17
HQA10W-10R-J-HS RFE-HQA10W-10R-J-HS_V01 Datasheet
595Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR
2020.02.24
logo
Token Electronics Indus...
KNP-R TOKEN-KNP-R Datasheet
436Kb / 5P
   Power Wire wound Resistor
logo
TE Connectivity Ltd
C-1879448 TEC-C-1879448 Datasheet
172Kb / 1P
   HIGH POWER WIRE WOUND RESISTOR TYPE TE300 SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com