Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-FIAM5M12 Datasheet(PDF) 4 Page - Vicor Corporation

Part # M-FIAM5M12
Description  Military 28Vin Filter Input Attenuator Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

M-FIAM5M12 Datasheet(HTML) 4 Page - Vicor Corporation

  M-FIAM5M12 Datasheet HTML 1Page - Vicor Corporation M-FIAM5M12 Datasheet HTML 2Page - Vicor Corporation M-FIAM5M12 Datasheet HTML 3Page - Vicor Corporation M-FIAM5M12 Datasheet HTML 4Page - Vicor Corporation M-FIAM5M12 Datasheet HTML 5Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Set your site on VICOR at www.vicorpower.com
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
MFIAM5
Rev. 1.7
Page 4 of 5
+
+
R1
R2
D1
C1
R3
64.9k
R4
64.9k
R5
10K
R6
10K
R7
R8
24.3k
R9
14.0k
R10
1.0K
C2
.1ufd
C3
Cbulk
880 Uf d
2.0k
2.0k
4.7uf, 63v
Input
+28v
rtn
15v, 1N5245B
U1A
LM258N
615001
1.0k
Vicor FIAM & Mods
Vc
Q1
IRFP3710
ND PN
U1B
LM258N
U2
LM4040CIZ-5.0
1
2
3
4
8
5
6
7
8
4
4
1
2
3
2
3
+28V
C1
4.7uF, 63V
C2
0.1uF
C3
880uF, 100V
D1
1N5245B
Q1
IRFP3710ND
R1
2.0K
R2
2.0K
R3
64.5K
R4
64.5K
R5
10K
R6
10K
R7
1K
R8
24.3K
R9
14K
R10
1K
U1
LM258N
U2
LM4040CIZ-5.0
Transient Surpressor Circuit
Vout
Volts
50
27
28
32
12.5 Millisec Max
Vin
Vout
MIL-STD-704E Transient / Overvoltage Protection
The standard (COTS) 24V input 2nd Generation Converter Modules may be used in Military 28 volt applications. The
M-FIAM5 provides compliance to MIL-STD-461E conducted emissions and susceptibility standards. Additional circuitry,
as illustrated in the accompanying schematic (see Fig. 1), provides compliance to the MIL-STD-704E transient
overvoltage specification. The 24V input modules employ undervoltage and overvoltage protection. These converters,
shut down if the input falls below 18V or rises to 36V or above.18V is consistent with the MIL-STD-704E specification,
but the standard also requires uninterrupted performance in the event of an input voltage transient to 50V for a period
of 12.5 millisec. The above referenced circuit clamps the input voltage, in the event that it exceeds 32V, as illustrated in
figure 2. This performance prevents the converter from shutting down, thus meeting the transient overvoltage
specification of MIL- STD-704E.
Figure 1– Transient / Overvoltage protection circuit.
Figure 2– Overvoltage clamping
Addendum A


Similar Part No. - M-FIAM5M12

ManufacturerPart #DatasheetDescription
logo
Powerbox
M-FIAM5M12 POWERBOX-M-FIAM5M12 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
More results

Similar Description - M-FIAM5M12

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
M-FIAM3 VICOR-M-FIAM3 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
M-FIAM3M21 VICOR-M-FIAM3M21 Datasheet
316Kb / 6P
   Military COTS 270 Vin Filter Input Attenuator Module
M-FIAM7M21 VICOR-M-FIAM7M21 Datasheet
492Kb / 6P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM5BM21 VICOR-M-FIAM5BM21 Datasheet
432Kb / 7P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM9M21 VICOR-M-FIAM9M21 Datasheet
577Kb / 7P
   Military COTS 28 Vin Filter Input Attenuator Module
logo
Powerbox
VI-A11-CU POWERBOX-VI-A11-CU Datasheet
401Kb / 1P
   FILTER INPUT ATTENUATOR MODULE
logo
Vicor Corporation
FIAM VICOR-FIAM Datasheet
156Kb / 4P
   Filter Input Attenuator Module
MI-IAM VICOR-MI-IAM Datasheet
202Kb / 2P
   Military Input Attenuator Modules
logo
Powerbox
M-FIAM3 POWERBOX-M-FIAM3 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
MI-A22-MU POWERBOX-MI-A22-MU Datasheet
449Kb / 1P
   200 WATTS MILITARY COTS INPUT ATTENUATOR MODULES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com