Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50PA-405 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50PA-405
Description  PROGRAMMABLE ATTENUATOR ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50PA-405 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50PA-405 Datasheet HTML 1Page - JFW Industries, Inc. 50PA-405 Datasheet HTML 2Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PROGRAMMABLE ATTENUATOR ASSEMBLY
SPECIFICATION SHEET
JFW MODEL 50PA-405
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
DC-18 GHz
Configuration
Four relay programmable attenuators
Impedance
50 Ohms nominal
Attenuation Range
0-81 dB in 1 dB steps
Attenuation Steps
1, 2, 4, 4, 10, 20, and 40 dB
Attenuation Repeatability
(each individual cell)
± 0.01 dB typical after 5 millions cycles
Individual Cell Accuracy
1 dB
± 0.3 dB
DC-12.4 GHz
± 0.7 dB
12.4-18 GHz
2 dB
± 0.3 dB
DC-12.4 GHz
± 0.7 dB
12.4-18 GHz
4 dB
± 0.4 dB
DC-12.4 GHz
± 0.7 dB
12.4-18 GHz
10 dB
± 0.5 dB
DC-12.4 GHz
± 0.6 dB
12.4-18 GHz
20 dB
± 0.7 dB
DC-12.4 GHz
± 0.8 dB
12.4-18 GHz
40 dB
± 1.2 dB
DC-12.4 GHz
± 1.6 dB
12.4-18 GHz
VSWR
1.3:1 typical
DC-8 GHz
1.5:1 typical
8-12.4 GHz
1.8:1 typical
12.4-18 GHz
Insertion Loss
2.1 dB typical @ 4 GHz
2.8 dB typical @ 8 GHz
4.7 dB typical @ 18 GHz
Maximum RF Input Power
1 Watt average
Switching Speed
20 milliseconds
Control
GPIB
RF Connector
SMA female
Operating Temperature Range
0ºC to 50ºC
AC Supply
100-240 VAC @ 47-63 Hz
JFW FORM E-7-F REV F
Page 1 of 2
--CONTINUED--


Similar Part No. - 50PA-405

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PA-411 JFW-50PA-411 Datasheet
30Kb / 2P
   LC HANDOVER TEST SYSTEM
50PA-420 JFW-50PA-420 Datasheet
30Kb / 2P
   LC HANDOVER TEST SYSTEM
More results

Similar Description - 50PA-405

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PA-263 JFW-50PA-263 Datasheet
27Kb / 1P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
75PA-103 JFW-75PA-103_18 Datasheet
31Kb / 2P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-988 JFW-50PA-988 Datasheet
32Kb / 2P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-665 JFW-50PA-665_18 Datasheet
32Kb / 2P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-1088-XX JFW-50PA-1088-XX Datasheet
37Kb / 2P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-561 JFW-50PA-561 Datasheet
32Kb / 2P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-941 JFW-50PA-941 Datasheet
32Kb / 2P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-947 JFW-50PA-947 Datasheet
32Kb / 2P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-233-01 JFW-50PA-233-01 Datasheet
33Kb / 2P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-738 JFW-50PA-738 Datasheet
31Kb / 2P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com