Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50PA-505 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50PA-505
Description  BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50PA-505 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50PA-505 Datasheet HTML 1Page - JFW Industries, Inc. 50PA-505 Datasheet HTML 2Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
SPECIFICATION SHEET
JFW MODEL 50PA-505
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
200-6000 MHz
Configuration
Four individually controlled
solid-state programmable attenuators
Impedance
50 Ohms nominal
Attenuation Range
0-63 dB in 1 dB steps
VSWR
1.8:1 maximum
200-800 MHz
1.6:1 maximum
800-6000 MHz
Attenuation Accuracy
(guaranteed monotonic)
± 0.50 dB
1-3 dB
± 0.75 dB
4-7 dB
± 1.00 dB
8-11 dB
± 1.25 dB or 4%
12-63 dB
(whichever is greater)
Insertion Loss
6.0 dB maximum
5.0 dB typical
RF Input Power
+20 dBm average
+25 dBm (no damage)
Switching Speed
1 microsecond typical
(after command is received and
processed)
(3 milliseconds typical processing time)
AC Supply
100-240 VAC @ 47-63 Hz
Manual Control
20-Button Keypad and LCD display
Remote Control
RS-232 (9600, 19200, or 38400 Baud)
Ethernet (TCP, 10/100, up to 4 users)
JFW FORM E-7-F REV F
Page 1 of 2
--CONTINUED--


Similar Part No. - 50PA-505

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PA-505 JFW-50PA-505_18 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
More results

Similar Description - 50PA-505

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PA-521 JFW-50PA-521 Datasheet
31Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-001-63 JFW-50BA-001-63 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-016-63 JFW-50BA-016-63 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-017-63.5 JFW-50BA-017-63.5 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-030-31 JFW-50BA-030-31 Datasheet
37Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-501 JFW-50PA-501 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
75PA-052 JFW-75PA-052 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-001-95 JFW-50BA-001-95 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-032-31 JFW-50BA-032-31 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-575 JFW-50PA-575 Datasheet
31Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com