Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG36128401BT Datasheet(PDF) 1 Page - Vanguard International Semiconductor

Part # VG36128401BT
Description  CMOS Synchronous Dynamic RAM
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG36128401BT Datasheet(HTML) 1 Page - Vanguard International Semiconductor

  VG36128401BT Datasheet HTML 1Page - Vanguard International Semiconductor VG36128401BT Datasheet HTML 2Page - Vanguard International Semiconductor VG36128401BT Datasheet HTML 3Page - Vanguard International Semiconductor VG36128401BT Datasheet HTML 4Page - Vanguard International Semiconductor VG36128401BT Datasheet HTML 5Page - Vanguard International Semiconductor VG36128401BT Datasheet HTML 6Page - Vanguard International Semiconductor VG36128401BT Datasheet HTML 7Page - Vanguard International Semiconductor VG36128401BT Datasheet HTML 8Page - Vanguard International Semiconductor VG36128401BT Datasheet HTML 9Page - Vanguard International Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
Document :1G5-0183
Rev.1
Page 1
VIS
VG36128401BT / VG36128801BT / VG36128161BT
CMOS Synchronous Dynamic RAM
Description
The VG36128401B, VG36128801B and VG3664128161B are high-speed 134,217,728-bit synchro-
nous dynamic random-access memories, organized as 8,388,608 x 4 x 4, 4,194,304 x 8 x 4 and 2,097,152 x
16 x 4 (word x bit x bank), respectively.
The synchronous DRAMs achieved high-speed data transfer using the pipeline architecture. All input
and outputs are synchronized with the positive edge of the clock.The synchronous DRAMs are compatible
with Low Voltage TTL (LVTTL).These products are packaged in 54-pin TSOPII.
Features
• Single 3.3V (
) power supply
• High speed clock cycle time -7H: 133MHz<2-2-2>, -7L: 133MHz<3-3-3>, -8H: 100MHz<2-2-2>
• Fully synchronous operation referenced to clock rising edge
• Possible to assert random column access in every cycle
• Quad internal banks controlled by BA0 & BA1 (Bank Select)
• Byte control by LDQM and UDQM for VG36128161DT
• Programmable Wrap sequence (Sequential / Interleave)
• Programmable burst length (1, 2, 4, 8 and full page)
• Programmable /CAS latency (2 and 3)
• Automatic precharge and controlled precharge
• CBR (Auto) refresh and self refresh
• X4, X8, X16 organization
• LVTTL compatible inputs and outputs
• 4,096 refresh cycles / 64ms
.
0.3V
±


Similar Part No. - VG36128401BT

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG36128401A VML-VG36128401A Datasheet
940Kb / 69P
   CMOS Synchronous Dynamic RAM
More results

Similar Description - VG36128401BT

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG36128401A VML-VG36128401A Datasheet
940Kb / 69P
   CMOS Synchronous Dynamic RAM
logo
List of Unclassifed Man...
VG36641641DT-6 ETC-VG36641641DT-6 Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
logo
Vanguard International ...
VG36648041CT VML-VG36648041CT Datasheet
949Kb / 70P
   CMOS Synchronous Dynamic RAM
VG36256401A VML-VG36256401A Datasheet
944Kb / 69P
   CMOS Synchronous Dynamic RAM
VG3664321412BT VML-VG3664321412BT Datasheet
978Kb / 72P
   CMOS Synchronous Dynamic RAM
VG36644041DT VML-VG36644041DT Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
VG3617161ET VML-VG3617161ET Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
VG36641641BT VML-VG36641641BT Datasheet
974Kb / 70P
   CMOS Synchronous Dynamic RAM
VG3617801CT VML-VG3617801CT Datasheet
1,008Kb / 68P
   16Mb CMOS Synchronous Dynamic RAM
VG3617161DT VML-VG3617161DT Datasheet
943Kb / 70P
   16Mb CMOS Synchronous Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com