Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50PA-557 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50PA-557
Description  PROGRAMMABLE ATTENUATOR ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50PA-557 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50PA-557 Datasheet HTML 1Page - JFW Industries, Inc. 50PA-557 Datasheet HTML 2Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PROGRAMMABLE ATTENUATOR ASSEMBLY
SPECIFICATION SHEET
JFW MODEL 50PA-557
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
700-3000 MHz
Configuration
Eight individually controlled
solid-state programmable attenuators
Impedance
50 Ohms nominal
Attenuation Range
0-127 dB in 1 dB steps
VSWR
1.6:1 maximum
Attenuation Accuracy
(guaranteed monotonic)
± 0.5 dB or 2%
(whichever is greater)
Insertion Loss
6.0 dB maximum
RF Input Power
+20 dBm average
Switching Speed
5 microseconds typical
(after command is received and
processed)
(3 milliseconds typical processing time)
AC Supply
100-240 VAC @ 47-63 Hz
Manual Control
20-Button Keypad and LCD display
Remote Control
RS-232 (9600, 19200, or 38400 Baud)
Ethernet (TCP, 10/100, up to 4 users)
Remote Commands
Attenuator Control Commands:
Set Attenuator, Set Attenuator with
Response, Read Attenuator, Set All
Attenuators, Read All Attenuators, Set
Multiple Attenuator, Fade Attenuator,
Variable Handover, Store, Recall
System Commands:
Identification, Pause
-RS-232 Only:
Change Baud
-Ethernet Only: Disconnect, Close,
Message, Clear
RF Connector
SMA or N female
Operating Temperature Range
0ºC to +50ºC
JFW FORM E-7-F REV F
Page 1 of 2
--CONTINUED--


Similar Part No. - 50PA-557

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PA-555 JFW-50PA-555 Datasheet
30Kb / 2P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-556 JFW-50PA-556 Datasheet
30Kb / 2P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
More results

Similar Description - 50PA-557

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PA-263 JFW-50PA-263 Datasheet
27Kb / 1P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-405 JFW-50PA-405 Datasheet
29Kb / 2P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
75PA-103 JFW-75PA-103_18 Datasheet
31Kb / 2P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-988 JFW-50PA-988 Datasheet
32Kb / 2P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-665 JFW-50PA-665_18 Datasheet
32Kb / 2P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-1088-XX JFW-50PA-1088-XX Datasheet
37Kb / 2P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-561 JFW-50PA-561 Datasheet
32Kb / 2P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-941 JFW-50PA-941 Datasheet
32Kb / 2P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-947 JFW-50PA-947 Datasheet
32Kb / 2P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-233-01 JFW-50PA-233-01 Datasheet
33Kb / 2P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-738 JFW-50PA-738 Datasheet
31Kb / 2P
   PROGRAMMABLE ATTENUATOR ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com