Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50PD-223 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50PD-223
Description  2 WAY REACTIVE POWER DIVIDER/COMBINER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50PD-223 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50PD-223 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2 WAY REACTIVE POWER DIVIDER/COMBINER
SPECIFICATION SHEET
JFW MODEL 50PD-223
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
800-2200 MHz
Impedance
50 Ohms nominal
VSWR
1.5:1 maximum
Insertion Loss
(above 3 dB split)
0.6 dB maximum
Amplitude Tracking
± 0.3 dB
Phase Tracking
± 5º
Isolation
20 dB minimum
Matched Input Power
5 Watts average @ 25ºC
100 Watts peak (1 microsecond)
Operating Temperature Range
-40ºC to +85ºC
RF Connector
N, SMA, TNC, BNC, or Reverse Polarity
TNC female
Physical Size
See outline drawing 092-2815 (SMA)
092-2781 (N)
092-4476 (BNC)
092-6462 (N M/F)
2295
02/16/2000
E
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
2614
03/14/2001
F
2686
05/11/2001
G
4615
05/17/2004
I
CLV 05/17/2004
9999
12/05/2002
H
SL 12/05/2002
18269
02/17/2010
J
TRS 02/17/2010
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 50PD-223

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PD-224 JFW-50PD-224 Datasheet
26Kb / 1P
   3 WAY REACTIVE POWER DIVIDER/COMBINER
More results

Similar Description - 50PD-223

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PD-639 JFW-50PD-639 Datasheet
26Kb / 1P
   2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-495 JFW-50PD-495 Datasheet
26Kb / 1P
   2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-672 JFW-50PD-672 Datasheet
27Kb / 1P
   2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-776 JFW-50PD-776 Datasheet
68Kb / 1P
   2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-585 JFW-50PD-585_17 Datasheet
26Kb / 1P
   2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-698 JFW-50PD-698 Datasheet
28Kb / 1P
   2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-659 JFW-50PD-659 Datasheet
27Kb / 1P
   2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-659 JFW-50PD-659_11 Datasheet
27Kb / 1P
   2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-793 JFW-50PD-793 Datasheet
27Kb / 1P
   2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-634 JFW-50PD-634_10 Datasheet
27Kb / 1P
   2 WAY REACTIVE POWER DIVIDER/COMBINER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com