Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMIP2-B28DL Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KMIP2-B28DL
Description  2 Mini CAN InGaAs PIN PD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KMIP2-B28DL Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KMIP2-B28DL Datasheet HTML 1Page - KODENSHI_AUK CORP. KMIP2-B28DL Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ø2 Mini CAN InGaAs PIN PD
Description
The KMIP2-B28DL is InGaAs PIN Photodiode has the cap with only Ø1.96mm and less than 3mm in hight.
Stem types of 2-leads(KMIP2) and 1-lead(KPIM1)are available. The flat window type or a pigtail type also available.
It is recommended for optical data communication and power monitoring.
Features
Front illuminated planar PIN-PD
Low capacitance and low dark current
Hermetically sealed package with Ø1.96mm lens cap
High reliability and environmental endurance and the cap height is less than 3mm
Wide operating wavelength range from 1.1m to 1.6m
Applications
Optical Data Communications
Optical power monitoring
Absolute Maximum Ratings
*1 : Soldering Time ≤ 10 seconds (At a distance of 1 mm from the package).
Electro-Optical Characteristics
1/2
For more information on other parts available, please visit our website: www.kodenshi.co.kr
Rev.002
KODENSHI KOREA Corp. 513-5 Eoyang-Dong, Iksan, 570-210, Korea
GHz
@VR=5, RL=50Ω
Total Capacitance
Cd
1.1
pF
@ VR=5V, 25℃
um
Dark Current
ID
nA
Responsivity
R
mA/mW
Unit
Condition
3dB Cut off frequency
BW
2.5
0.90
1.55um
1.31um
0.80
@ VR=5V, 25℃
@ VR=5V, 25℃
1.0
Active diameter
D
75
Parameter
Symbol
Min.
Typ.
Max.
Soldering Temperature *1
Tsol.
260
Storage Temperature
Tstg.
-40 ~ +85
Operating Temperature
Topr
-40 ~ +85
Forward Current
IF
10
mA
Maximun Optical Power Input
Pmax
10
mW
KMIP2-B28DL
Reverse voltage
VR
20
V
Parameter
Symbol
Ratings
Unit
KMP1 type
KMP2 type


Similar Part No. - KMIP2-B28DL

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KMIP2-L225DL KODENSHI-KMIP2-L225DL Datasheet
252Kb / 2P
   Long Cap 2 Mini CAN InGaAs PIN PD
More results

Similar Description - KMIP2-B28DL

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KMIP2-L225DL KODENSHI-KMIP2-L225DL Datasheet
252Kb / 2P
   Long Cap 2 Mini CAN InGaAs PIN PD
logo
List of Unclassifed Man...
PD1450-35T52 ETC-PD1450-35T52 Datasheet
25Kb / 1P
   InGaAs PIN-PD
logo
Optoway Technology Inc
PD-1350 OPTOWAY-PD-1350 Datasheet
62Kb / 2P
   Mini-Size InGaAs PIN PD MODULE InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
PD-1500 OPTOWAY-PD-1500 Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
PD-1310 OPTOWAY-PD-1310 Datasheet
71Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
PD-1300 OPTOWAY-PD-1300 Datasheet
70Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH GI-50 MULTI-MODE PIGTAIL
logo
KODENSHI_AUK CORP.
KRT-14211C KODENSHI-KRT-14211C Datasheet
194Kb / 2P
   2.5G InGaAs PIN PD for TO 46 PKG
KRT-13221 KODENSHI-KRT-13221 Datasheet
182Kb / 2P
   1.25Gbps InGaAs PIN PD for TO 46 PKG
logo
Optoway Technology Inc
PD-1320 OPTOWAY-PD-1320 Datasheet
130Kb / 3P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH 62.5/125 um MULTI-MODE PIGTAIL
PD-1190 OPTOWAY-PD-1190_09 Datasheet
117Kb / 3P
   InGaAs PIN PHOTODIODE 2 mm InGaAs PIN Photdiode with TO-5 Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com