Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50PD-583 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50PD-583
Description  5 WAY RESISTIVE POWER DIVIDER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50PD-583 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50PD-583 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5 WAY RESISTIVE POWER DIVIDER
SPECIFICATION SHEET
JFW MODEL 50PD-583
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
DC-2000 MHz
Impedance
50 Ohms nominal
VSWR
1.4:1 maximum
Insertion Loss
14 dB ± 0.5 dB
DC-1000 MHz
14 dB ± 0.75 dB
1000-2000 MHz
Amplitude Tracking
± 0.5 dB
DC-1000 MHz
± 0.75 dB
1000-2000 MHz
RF Input Power
30 Watts average (divider port)
6 Watts average (combiner ports)
RF Connector
SMA, BNC, TNC, or N female
Physical Size
See outline drawing 092-4957
10/20/2005
TRS 10/20/2005
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
16328
09/22/2008
A
TRS 09/22/2008
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 50PD-583

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PD-585 JFW-50PD-585 Datasheet
26Kb / 1P
   2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-585 JFW-50PD-585 Datasheet
26Kb / 1P
   2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-585 JFW-50PD-585_17 Datasheet
26Kb / 1P
   2 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-589 JFW-50PD-589 Datasheet
26Kb / 1P
   4 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-589 JFW-50PD-589 Datasheet
27Kb / 1P
   4 WAY REACTIVE POWER DIVIDER/COMBINER
More results

Similar Description - 50PD-583

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
75PD-048 JFW-75PD-048_14 Datasheet
26Kb / 1P
   5 WAY RESISTIVE POWER DIVIDER
50PD-028 JFW-50PD-028_15 Datasheet
26Kb / 1P
   5 WAY RESISTIVE POWER DIVIDER
75PD-048 JFW-75PD-048 Datasheet
26Kb / 1P
   5 WAY RESISTIVE POWER DIVIDER
50PD-028 JFW-50PD-028 Datasheet
26Kb / 1P
   5 WAY RESISTIVE POWER DIVIDER
50PD-732 JFW-50PD-732 Datasheet
26Kb / 1P
   5 WAY RESISTIVE POWER DIVIDER
50PD-136 JFW-50PD-136_10 Datasheet
26Kb / 1P
   5 WAY RESISTIVE POWER DIVIDER
50PD-136 JFW-50PD-136 Datasheet
26Kb / 1P
   5 WAY RESISTIVE POWER DIVIDER
50PD-016 JFW-50PD-016 Datasheet
26Kb / 1P
   2 WAY RESISTIVE POWER DIVIDER
50PD-379 JFW-50PD-379_13 Datasheet
27Kb / 1P
   2 WAY RESISTIVE POWER DIVIDER
75PD-047 JFW-75PD-047_14 Datasheet
26Kb / 1P
   4 WAY RESISTIVE POWER DIVIDER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com