Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG4616321B Datasheet(PDF) 5 Page - Vanguard International Semiconductor

Part # VG4616321B
Description  262,144x32x2-Bit CMOS Synchronous Graphic RAM
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG4616321B Datasheet(HTML) 5 Page - Vanguard International Semiconductor

  VG4616321B Datasheet HTML 1Page - Vanguard International Semiconductor VG4616321B Datasheet HTML 2Page - Vanguard International Semiconductor VG4616321B Datasheet HTML 3Page - Vanguard International Semiconductor VG4616321B Datasheet HTML 4Page - Vanguard International Semiconductor VG4616321B Datasheet HTML 5Page - Vanguard International Semiconductor VG4616321B Datasheet HTML 6Page - Vanguard International Semiconductor VG4616321B Datasheet HTML 7Page - Vanguard International Semiconductor VG4616321B Datasheet HTML 8Page - Vanguard International Semiconductor VG4616321B Datasheet HTML 9Page - Vanguard International Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
Document:1G5-0145
Rev.1
Page 5
VIS
VG4616321B/VG4616322B
262,144x32x2-Bit
Preliminary
CMOS Synchronous Graphic RAM
23,56,24,
57
DQM0-
DQM3
Input Data Input/Output Mask: DQM0-DQM3 are byte specific, nonpersistent I/O buffer
controls. The I/O buffers are placed in a high-z state when DQM is sampled HIGH.
Input data is masked when DQM is sampled HIGH during a write cycle. Output data
is masked (two-clock latency) when DQM is sampled HIGH during a read cycle.
DQM3 masks DQ31-DQ24, DQM2 masks DQ23-DQ16, DQM1 masks DQ15-DQ8,
and DQM0 masks DQ7-DQ0.
97,98,100,
1,3,4,6,7,
60,61,63,
64,68,69,
71,72,9,
10,12,13,
17,18,20,
21,74,75,
77, 78,80,
81, 83, 84
DQ0-
DQ31
Input/
Output
Data I/O: The DQ0-31 input and output data are synchronized with the positive
edges of CLK. The I/Os are byte-maskable during Reads and Writes. The DQs also
serve as column/byte mask inputs during Block Writes.
30,36-45,
52,86-95
NC
-
No Connect: These pins should be left unconnected.
58
NC/Vref
-/Input No connect/Input Voltage Reference : It must be unconnected when the LVTTL
interface is used in the SGRAM. It must be applied to Vref (1.5V) when the SSTL-3
interface is used in the SGRAM.
2,8,14,22,
59,67,73,
79
VDDQ
Supply DQ Power: Provide isolated power to DQs for improved noise immunity.
5,11,19,
62,70,76,
82,99
VSSQ
Supply DQ Ground: Provide isolated ground to DQs for improved noise immunity.
15,35,65,
96
VDD
Supply Power Supply: +3.3V
16,46,66,
85
VSS
Supply Ground
0.3V
±


Similar Part No. - VG4616321B

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG4632321A VML-VG4632321A Datasheet
1Mb / 81P
   524,288x32x2-Bit CMOS Synchronous Graphic RAM
VG4632321AQ-45 VML-VG4632321AQ-45 Datasheet
1Mb / 81P
   524,288x32x2-Bit CMOS Synchronous Graphic RAM
VG4632321AQ-45R VML-VG4632321AQ-45R Datasheet
1Mb / 81P
   524,288x32x2-Bit CMOS Synchronous Graphic RAM
VG4632321AQ-5 VML-VG4632321AQ-5 Datasheet
1Mb / 81P
   524,288x32x2-Bit CMOS Synchronous Graphic RAM
VG4632321AQ-55 VML-VG4632321AQ-55 Datasheet
1Mb / 81P
   524,288x32x2-Bit CMOS Synchronous Graphic RAM
More results

Similar Description - VG4616321B

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG4632321A VML-VG4632321A Datasheet
1Mb / 81P
   524,288x32x2-Bit CMOS Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L32321SA ETC1-M32L32321SA Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
AMIC Technology
A45L9332A AMICC-A45L9332A Datasheet
1Mb / 55P
   256K X 32 Bit X 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L1632512A ETC1-M32L1632512A Datasheet
879Kb / 54P
   256K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
Vanguard International ...
VG36128401A VML-VG36128401A Datasheet
940Kb / 69P
   CMOS Synchronous Dynamic RAM
logo
List of Unclassifed Man...
VG36641641DT-6 ETC-VG36641641DT-6 Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
logo
Vanguard International ...
VG36128401BT VML-VG36128401BT Datasheet
1Mb / 68P
   CMOS Synchronous Dynamic RAM
VG36648041CT VML-VG36648041CT Datasheet
949Kb / 70P
   CMOS Synchronous Dynamic RAM
VG36256401A VML-VG36256401A Datasheet
944Kb / 69P
   CMOS Synchronous Dynamic RAM
VG3664321412BT VML-VG3664321412BT Datasheet
978Kb / 72P
   CMOS Synchronous Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com