Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG4632321AQ-55R Datasheet(PDF) 9 Page - Vanguard International Semiconductor

Part # VG4632321AQ-55R
Description  524,288x32x2-Bit CMOS Synchronous Graphic RAM
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG4632321AQ-55R Datasheet(HTML) 9 Page - Vanguard International Semiconductor

Back Button VG4632321AQ-55R Datasheet HTML 5Page - Vanguard International Semiconductor VG4632321AQ-55R Datasheet HTML 6Page - Vanguard International Semiconductor VG4632321AQ-55R Datasheet HTML 7Page - Vanguard International Semiconductor VG4632321AQ-55R Datasheet HTML 8Page - Vanguard International Semiconductor VG4632321AQ-55R Datasheet HTML 9Page - Vanguard International Semiconductor VG4632321AQ-55R Datasheet HTML 10Page - Vanguard International Semiconductor VG4632321AQ-55R Datasheet HTML 11Page - Vanguard International Semiconductor VG4632321AQ-55R Datasheet HTML 12Page - Vanguard International Semiconductor VG4632321AQ-55R Datasheet HTML 13Page - Vanguard International Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
Document:
Rev.1
Page 9
VIS
Preliminary
VG4632321A
524,288x32x2-Bit
CMOS Synchronous Graphic RAM
T0
T1
T2
T3
T4
T5
T6
T7
T8
CLK
ADDRESS
DOUT A0
DOUT A1
DOUT A2
DOUT A3
DOUT A0
DOUT A1
DOUT A2
DOUT A3
CAS Iatency = 1
tCK1,DQ’s
CAS Iatency = 2
tCK2,DQ’s
Bank
Bank(s)
DOUT A0
DOUT A1
DOUT A2
DOUT A3
COMMAND
READ A
NOP
NOP
Precharge
NOP
NOP
NOP
CAS Iatency = 3
tCK3,DQ’s
Col A
Bank
Row
NOP
Activate
6
Read and AutoPrecharge command
(RAS = ”H”, CAS = ”L”, WE = ”H”, DSF = ”L”, BS = Bank, A8 = ”H”, A0-A7 = Column Address,
A9,A10 = Don’t
care)
The Read and AutoPrecharge command automatically performs the precharge operation after the read
operation. Once this command is given, any subsequent command can not occur within a time delay of
{tRP(min.) + burst length}. At full-page burst, only read operation is performed in this command and the auto
precharge function is ignored.
7
Write command
(RAS = ”H”, CAS = ”L”, WE = ”L”, DSF = “L”, BS = Bank, A8 = ”L”, A0-A7 = Column Address,
A9,A10 = Don’t
care)
The Write command is used to write burst of data on consecutive clock cycles from an active row in an
active bank. The bank must be active for at least tRCD(min.) before Write command is issued. During write
bursts, the first valid data-in element will be registered coincident with the Write command. Subsequent data
elements will be registered on each successive positive clock edge (refer to the following figure). The DQs
remains high-impedance at the end of the burst, unless other command was initiated. The burst length and
burst sequence are determined by the mode register which is already programmed. A full-page burst will con-
tinue until terminated (at the end of the page it will wrap to column 0 and continue).
t RP
Read to Precharge (CAS Latency = 1, 2, 3)
CLK
COMMAND
NOP
DQ0 - DQ3
DIN A0
NOP
WRITE A
NOP
NOP
NOP
NOP
NOP
NOP
DIN A1
DIN A3
DIN A2
don’t care
The first data element and the write
T0
T1
T2
T3
T4
T5
T6
T7
T8
are registered on the same clock edge.
Extra data is masked.
Burst Write Operation (Burst Length = 4, CAS Latency = 1, 2, 3)
Any Write performed to a row that was opened via an BankAcitvate & Masked Write Enable command is a
masked write (Write-Per-Bit). Data is written to the 32 cells (bits) at the selected column location subject to the
data stored in the Mask register. The overall mask consists of the DQM inputs, which mask on a per-byte
basis, and the Mask register, which masks on a per-bit basis. This is shown in the following block diagram.


Similar Part No. - VG4632321AQ-55R

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG4616321B VML-VG4616321B Datasheet
1Mb / 82P
   262,144x32x2-Bit CMOS Synchronous Graphic RAM
VG4616321BQ-5 VML-VG4616321BQ-5 Datasheet
1Mb / 82P
   262,144x32x2-Bit CMOS Synchronous Graphic RAM
VG4616321BQ-5R VML-VG4616321BQ-5R Datasheet
1Mb / 82P
   262,144x32x2-Bit CMOS Synchronous Graphic RAM
VG4616321BQ-6 VML-VG4616321BQ-6 Datasheet
1Mb / 82P
   262,144x32x2-Bit CMOS Synchronous Graphic RAM
VG4616321BQ-6R VML-VG4616321BQ-6R Datasheet
1Mb / 82P
   262,144x32x2-Bit CMOS Synchronous Graphic RAM
More results

Similar Description - VG4632321AQ-55R

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG4616321B VML-VG4616321B Datasheet
1Mb / 82P
   262,144x32x2-Bit CMOS Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L32321SA ETC1-M32L32321SA Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
AMIC Technology
A45L9332A AMICC-A45L9332A Datasheet
1Mb / 55P
   256K X 32 Bit X 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L1632512A ETC1-M32L1632512A Datasheet
879Kb / 54P
   256K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
Vanguard International ...
VG36128401A VML-VG36128401A Datasheet
940Kb / 69P
   CMOS Synchronous Dynamic RAM
logo
List of Unclassifed Man...
VG36641641DT-6 ETC-VG36641641DT-6 Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
logo
Vanguard International ...
VG36128401BT VML-VG36128401BT Datasheet
1Mb / 68P
   CMOS Synchronous Dynamic RAM
VG36648041CT VML-VG36648041CT Datasheet
949Kb / 70P
   CMOS Synchronous Dynamic RAM
VG36256401A VML-VG36256401A Datasheet
944Kb / 69P
   CMOS Synchronous Dynamic RAM
VG3664321412BT VML-VG3664321412BT Datasheet
978Kb / 72P
   CMOS Synchronous Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com