Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1492 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # 2SA1492
Description  PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

2SA1492 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  2SA1492 Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SA1492
PNP
PLANAR SILICON TRANSISTOR
AUDIO POWER AMPLIFIER
DC TO DC CONVERTER
SC-65
!
High Current Capability
!
High Power Dissipation
!
Complementary to 2SC3856
ABSOLUTE MAXIMUM RATING (Ta=25°C
CC
C)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base voltage
Collector Current (DC)
Collector Dissipation
Junction Temperature
Storage Temperature
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
-180
-180
-6
-15
130
150
-55~150
V
V
V
A
W
°C
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C
CC
C)
Characterristic
Symbol
Test Condition
Min
Typ
Max
Unit
Collector Base Breakdown Voltage
Collector Emitter Breakdown Voltage
Emitter Base Breakdown Voltage
Collector Cutoff Current
Emitter Cutoff Current
*DC Current Gain
DC Current Gain
Collector- Emitter Saturation Voltage
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE1
hFE2
VCE(sat)
IC=-5 mA
IE=0
IC=-10 mA
RBE=
IE=-4mA
IC=0
VCB=-90V
IE=0
VEB=-4V
IC=0
VCE=-5V
IC=-1A
VCE=-5V
IC=-3A
IC=-5A
IB=-0.5A
-180
-180
-6
55
50
0.1
0.1
160
-2.0
V
V
V
mA
mA
V
V
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com


Similar Part No. - 2SA1492

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SA1492 SANKEN-2SA1492 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
logo
Inchange Semiconductor ...
2SA1492 ISC-2SA1492 Datasheet
149Kb / 3P
   isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SA1492 SAVANTIC-2SA1492 Datasheet
173Kb / 4P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1492 JMNIC-2SA1492 Datasheet
188Kb / 4P
   Silicon PNP Power Transistors
logo
Sanken electric
2SA1492 SANKEN-2SA1492 Datasheet
40Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
More results

Similar Description - 2SA1492

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SA1215 WINGS-2SA1215 Datasheet
26Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2SB817 WINGS-2SB817 Datasheet
48Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
MJ2955 WINGS-MJ2955 Datasheet
64Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
TIP36C WINGS-TIP36C Datasheet
64Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2SA1102 WINGS-2SA1102 Datasheet
26Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2SA1216 WINGS-2SA1216 Datasheet
26Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2SA1105 WINGS-2SA1105 Datasheet
48Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2SA1186 WINGS-2SA1186 Datasheet
48Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
TIP2955 WINGS-TIP2955 Datasheet
52Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
MJ15023 WINGS-MJ15023 Datasheet
63Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
2SB688 WINGS-2SB688 Datasheet
25Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com