Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50R-029 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50R-029
Description  ROTARY ATTENUATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50R-029 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50R-029 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ROTARY ATTENUATOR
SPECIFICATION SHEET
JFW MODEL 50R-029
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
DC-2200 MHz
Impedance
50 Ohms nominal
Attenuation Range
0-70 dB in 10 dB steps
VSWR
1.2:1 maximum
DC-1000 MHz
1.4:1 maximum
1000-2200 MHz
Insertion Loss
0.3 dB maximum
DC-1000 MHz
0.5 dB maximum
1000-2200 MHz
Attenuation Accuracy
± 0.5 dB or 1%
DC-500 MHz
± 0.5 dB or 2%
500-1000 MHz
± 0.5 dB or 3%
1000-2200 MHz
(whichever is greater)
RF Input Power
2 Watts average
1000 Watts peak
Direction of Rotation
Attenuation increases in a Clockwise
direction
Indexing
30 degrees with stops at
Minimum and maximum
RF Connector
BNC, N, SMA, or TNC
Operating Temperature Range
-20ºC to +85ºC
Physical Size
See outline drawings
092-428-01 (BNC)
092-428-02 (BNC/SMA)
092-428-03 (N)
092-428-04 (N/SMA)
092-428-05 (TNC)
092-428-06 (TNC/SMA)
092-428-07 (SMA)
092-428-08 (N F/M)
092-428-09 (N M/F)
860
10/21/1997
A
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
2639
03/23/2001
B
9999
04/21/2003
C
BAC 12/06/2005
18358
03/05/2010
E
TRS 03/05/2010
17378
07/02/2009
D
TRS 07/02/2009
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 50R-029

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50R-029 JFW-50R-029 Datasheet
27Kb / 1P
   ROTARY ATTENUATOR
50R-029 JFW-50R-029_17 Datasheet
27Kb / 1P
   ROTARY ATTENUATOR
More results

Similar Description - 50R-029

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
75R-050 JFW-75R-050 Datasheet
26Kb / 1P
   ROTARY ATTENUATOR
50R-246 JFW-50R-246 Datasheet
26Kb / 1P
   ROTARY ATTENUATOR
50R-310 JFW-50R-310 Datasheet
26Kb / 1P
   ROTARY ATTENUATOR
50R-137 JFW-50R-137_17 Datasheet
27Kb / 1P
   ROTARY ATTENUATOR
50R-310 JFW-50R-310_17 Datasheet
27Kb / 1P
   ROTARY ATTENUATOR
50R-401 JFW-50R-401_17 Datasheet
32Kb / 1P
   ROTARY ATTENUATOR
50R-083 JFW-50R-083 Datasheet
26Kb / 1P
   ROTARY ATTENUATOR
50R-234 JFW-50R-234 Datasheet
26Kb / 1P
   ROTARY ATTENUATOR
75R-055 JFW-75R-055 Datasheet
26Kb / 1P
   ROTARY ATTENUATOR
50R-028 JFW-50R-028 Datasheet
26Kb / 1P
   ROTARY ATTENUATOR
50R-084 JFW-50R-084 Datasheet
26Kb / 1P
   ROTARY ATTENUATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com