Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50S-847 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50S-847
Description  1P6T SELF TERMINATING SOLID STATE RF SWITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50S-847 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50S-847 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1P6T SELF TERMINATING SOLID STATE RF SWITCH
SPECIFICATION SHEET
JFW MODEL 50S-847
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
50-2000 MHz
Configuration
1P6T Self Terminating
Impedance
50 Ohms nominal
VSWR
1.3:1 maximum
50-750 MHz
1.4:1 maximum
750-1500 MHz
1.5:1 maximum
1500-2000 MHz
Insertion Loss
1.5 dB maximum
50-750 MHz
2.0 dB maximum
750-1500 MHz
3.0 dB maximum
1500-2000 MHz
Isolation
70 dB minimum to 1500 MHz
55 dB minimum to 2000 MHz
Switching Speed
1 microsecond maximum
(50% TTL to 10% or 90% RF)
RF Input Power
+10 dBm
Control Logic (3 Lines)
TTL per 092-1178
DC Supply
+5 Vdc @ 250 mA maximum
DC Connector
.030 Diameter solder terminals
RF Connector
SMA female
Operating Temperature Range
0ºC to +70ºC
Storage Temperature Range
-40ºC to +85ºC
Physical Size
See outline drawing 092-1178
431
04/24/1994
A
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
06/08/1994
464
09/12/1995
B
9999
01/02/2003
D
BAC 04/30/2004
2218
10/25/1999
C
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 50S-847

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50S-884 JFW-50S-884 Datasheet
25Kb / 1P
   1P4T SOLID STATE RF SWITCH
50S-884 JFW-50S-884 Datasheet
26Kb / 1P
   1P4T REFLECTIVE SOLID STATE RF SWITCH
50S-884 JFW-50S-884_11 Datasheet
26Kb / 1P
   1P4T REFLECTIVE SOLID STATE RF SWITCH
More results

Similar Description - 50S-847

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
75S-374 JFW-75S-374 Datasheet
27Kb / 1P
   1P6T SELF TERMINATING SOLID STATE RF SWITCH
50S-1784 JFW-50S-1784 Datasheet
27Kb / 1P
   1P6T SELF TERMINATING SOLID STATE RF SWITCH
75S-372 JFW-75S-372 Datasheet
27Kb / 1P
   1P6T SELF TERMINATING SOLID STATE RF SWITCH
75S-081 JFW-75S-081 Datasheet
26Kb / 1P
   1P2T SELF TERMINATING SOLID STATE RF SWITCH
50S-1075 JFW-50S-1075 Datasheet
26Kb / 1P
   1P4T SELF TERMINATING SOLID STATE RF SWITCH
50S-1324 JFW-50S-1324 Datasheet
26Kb / 1P
   1P1T SELF TERMINATING SOLID STATE RF SWITCH
50S-713 JFW-50S-713 Datasheet
26Kb / 1P
   1P4T SELF TERMINATING SOLID STATE RF SWITCH
50S-1310 JFW-50S-1310 Datasheet
26Kb / 1P
   1P8T SELF TERMINATING SOLID STATE RF SWITCH
50S-1781 JFW-50S-1781 Datasheet
27Kb / 1P
   1P2T SELF TERMINATING SOLID STATE RF SWITCH
50S-1782 JFW-50S-1782 Datasheet
27Kb / 1P
   1P3T SELF TERMINATING SOLID STATE RF SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com