Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50S-1337 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50S-1337
Description  1P1T SELF TERMINATING SOLID STATE RF SWITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50S-1337 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50S-1337 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1P1T SELF TERMINATING SOLID STATE RF SWITCH
SPECIFICATION SHEET
JFW MODEL 50S-1337
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
800-3000 MHz
Configuration
1P1T Self Terminating
(Terminated on Both ends in OFF state)
Impedance
50 Ohms nominal
VSWR
1.5:1 maximum
Insertion Loss
1.25 dB maximum
800-1000 MHz
2.25 dB maximum 1000-3000 MHz
Isolation
50 dB minimum
Switching Speed
500 nanoseconds
RF Input Power
+20 dBm
Control Logic (1 Line)
TTL Low for OFF and terminated
TTL High for ON
DC Supply
+5Vdc @ 100mA nominal
DC Connector
Solder Terminals
RF Connector
SMA female
Operating Temperature Range
0º to +70º C
Physical Size
See outline drawing 092-837
09/09/2003
BAC 09/09/2003
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 50S-1337

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50S-1337 JFW-50S-1337 Datasheet
27Kb / 1P
   1P1T SELF TERMINATING SOLID STATE RF SWITCH
50S-1337 JFW-50S-1337_15 Datasheet
27Kb / 1P
   1P1T SELF TERMINATING SOLID STATE RF SWITCH
More results

Similar Description - 50S-1337

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50S-1324 JFW-50S-1324 Datasheet
26Kb / 1P
   1P1T SELF TERMINATING SOLID STATE RF SWITCH
50S-2039 JFW-50S-2039 Datasheet
27Kb / 1P
   1P1T SELF TERMINATING SOLID STATE RF SWITCH
50S-1337 JFW-50S-1337_15 Datasheet
27Kb / 1P
   1P1T SELF TERMINATING SOLID STATE RF SWITCH
50S-1812 JFW-50S-1812 Datasheet
26Kb / 1P
   1P1T SELF TERMINATING SOLID STATE RF SWITCH
50S-2064 JFW-50S-2064 Datasheet
32Kb / 1P
   1P1T SELF TERMINATING SOLID STATE RF SWITCH
50S-1780 JFW-50S-1780 Datasheet
27Kb / 1P
   1P1T SELF TERMINATING SOLID STATE RF SWITCH
75S-081 JFW-75S-081 Datasheet
26Kb / 1P
   1P2T SELF TERMINATING SOLID STATE RF SWITCH
50S-1075 JFW-50S-1075 Datasheet
26Kb / 1P
   1P4T SELF TERMINATING SOLID STATE RF SWITCH
50S-713 JFW-50S-713 Datasheet
26Kb / 1P
   1P4T SELF TERMINATING SOLID STATE RF SWITCH
50S-1310 JFW-50S-1310 Datasheet
26Kb / 1P
   1P8T SELF TERMINATING SOLID STATE RF SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com