Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTM4A60S Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HTM4A60S
Description  INSULATED TYPE SENSITIVE GATE TRIAC (TO-126ML PACKAGE)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HTM4A60S Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HTM4A60S Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTM4A60S Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTM4A60S Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTM4A60S Datasheet HTML 4Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
 
INSULATED TYPE SENSITIVE GATE TRIAC (TO-126ML PACKAGE) 
█ Features
* Repetitive Peak Off-State Voltage: 600V
* R.M.S On-state Current(IT(RMS)=4A)
* High Commutation dv/dt  
   * Sensitive Gate Triggering 4 Mode 
█ General Description
The devices is sensitive gate triac suitable for direct coupling to
TTL,HTL,CMOS and application such as various logic functions,
low power AC switching applications, such as fan speed, small light
controllers and home appliance equipment. 
█ Absolute Maximum Ratings(T
a=25℃) 
 
                   
 
 
 
 
 
 
 
 
 
 
 
 
Tstg ——Storage Temperature ……………………………………………………………… -40~125℃ 
Tj ——Operating Junction Temperature …………………………………………………… -40~125℃ 
PGM ——Peak Gate Power Dissipation ……………………………………………………………1.5W
PGAV——Average Gate Power Dissipation …………………………………………………… 0.1W
VDRM ——Repetitive Peak Off-State Voltage …………………………………………………… 600V
ITRMS)——R.M.S On-State Current(Ta=95℃)………………………………………………… 4.0A
VGM ——Peak Gate Voltage ……………………………………………………………………… 7.0V
IGM ——Peak Gate Current ……………………………………………………………………… 1.0A
ITSM ——Surge On-State Current (One Cycle, 50/60Hz,Peak,Non-Repetitive) ……………… 30/33A
HTM4A60S


Similar Part No. - HTM4A60S

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HTM4A60 HUASHAN-HTM4A60 Datasheet
176Kb / 3P
   INSULATED TYPE TRIAC (TO-126ML PACKAGE)
More results

Similar Description - HTM4A60S

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HTM4A60 HUASHAN-HTM4A60 Datasheet
176Kb / 3P
   INSULATED TYPE TRIAC (TO-126ML PACKAGE)
HTM2A60 HUASHAN-HTM2A60 Datasheet
740Kb / 3P
   NON INSULATED TYPE TRIAC (TO-126ML PACKAGE)
HTF4A60S HUASHAN-HTF4A60S Datasheet
178Kb / 4P
   NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-220F PACKAGE)
HTN4A60S HUASHAN-HTN4A60S Datasheet
181Kb / 4P
   NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-126 PACKAGE)
HTU4A60S HUASHAN-HTU4A60S Datasheet
169Kb / 4P
   NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-251 PACKAGE)
HTP4A60S HUASHAN-HTP4A60S Datasheet
167Kb / 4P
   NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-220 PACKAGE)
logo
SemiHow Co.,Ltd.
HTX4-600S SEMIHOW-HTX4-600S Datasheet
297Kb / 7P
   NON INSULATED TYPE SENSITIVE GATE TRIAC
logo
SHANTOU HUASHAN ELECTRO...
HBT137F-600 HUASHAN-HBT137F-600 Datasheet
201Kb / 3P
   INSULATED TYPE TRIAC (TO-220F PACKAGE)
HBT138F-600 HUASHAN-HBT138F-600 Datasheet
201Kb / 3P
   INSULATED TYPE TRIAC (TO-220F PACKAGE)
HBT139F-600 HUASHAN-HBT139F-600 Datasheet
200Kb / 3P
   INSULATED TYPE TRIAC (TO-220F PACKAGE)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com