Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50T-303-3.0 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50T-303-3.0
Description  TERMINATION/MISMATCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50T-303-3.0 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50T-303-3.0 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TERMINATION/MISMATCH
SPECIFICATION SHEET
JFW MODEL 50T-303-XXX
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
DC-3000 MHz
(1.0:1)
DC-2500 MHz
(1.1:1 through 1.2:1)
DC-2000 MHz
(1.3:1 through 3.0:1)
DC-1000 MHz
(3.1:1 through 10.0:1)
Impedance
50 Ohms (referenced)
VSWR (1.0:1)
1.15:1 maximum
VSWR Tolerance (mismatches)
± 5%
DC-1000 MHz
± 10%
1000-2500 MHz
RF Input Power
100 Watts average @ +25ºC
Derate to 50 Watts @ +100ºC
RF Connector
N, 7/16 or BNC
(male or female)
Physical Size
See outline drawing 092-3252 (N)
092-3310 (7/16)
XXX - Insert VSWR required (i.e.: 1.0:1, 1.2:1, 1.3:1, 1.4:1,
1.5:1, 1.6:1, 1.7:1, 1.8:1, 1.9:1, 2.0:1, 2.5:1, 3.0:1,
4.0:1, 5.0:1, 10.0:1)
2632
03/21/2001
D
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
2641
03/26/2001
E
2691
05/18/2001
F
4216
03/20/2003
H
SL 03/20/2003
9999
02/24/2003
G
11498
07/18/2005
I
SL 07/18/2005
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 50T-303-3.0

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50T-303-XXX JFW-50T-303-XXX_18 Datasheet
27Kb / 1P
   TERMINATION/MISMATCH
More results

Similar Description - 50T-303-3.0

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50T-032-XXX JFW-50T-032-XXX Datasheet
27Kb / 1P
   TERMINATION/MISMATCH
50T-507-XXX JFW-50T-507-XXX Datasheet
27Kb / 1P
   TERMINATION/MISMATCH
50T-581-XXX JFW-50T-581-XXX Datasheet
68Kb / 1P
   TERMINATION/MISMATCH
50T-359-XXX JFW-50T-359-XXX_13 Datasheet
68Kb / 1P
   TERMINATION/MISMATCH
50T-464-XXX JFW-50T-464-XXX Datasheet
27Kb / 1P
   TERMINATION/MISMATCH
50T-588-XXX JFW-50T-588-XXX Datasheet
27Kb / 1P
   TERMINATION/MISMATCH
50T-032-XXX JFW-50T-032-XXX_13 Datasheet
28Kb / 1P
   TERMINATION/MISMATCH
50T-358-XXX JFW-50T-358-XXX_15 Datasheet
28Kb / 1P
   TERMINATION/MISMATCH
50T-506-XXX JFW-50T-506-XXX Datasheet
68Kb / 1P
   TERMINATION/MISMATCH
50T-034-XXX JFW-50T-034-XXX Datasheet
27Kb / 1P
   TERMINATION/MISMATCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com