Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50T-358-1.0 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50T-358-1.0
Description  TERMINATION/MISMATCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50T-358-1.0 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50T-358-1.0 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TERMINATION/MISMATCH
SPECIFICATION SHEET
JFW MODEL 50T-358-XXX
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
DC-3000 MHz
Impedance
50 Ohms (referenced)
Available Values
1.0:1 through 5.0:1 in any 0.1 increment
(1.0:1 = termination)
VSWR
1.15:1 maximum
(1.0:1)
±10% of nominal (all other values)
RF Input Power
20 Watts average @ +25ºC
Derate to 10 Watts @ +70ºC
Peak Power
1000 Watts (1 microsecond pulse)
RF Connector
N, TNC, BNC, SMA or 7/16
(male or female)
Operating Temperature Range
-55ºC to +100ºC
Physical Size
See outline drawing 092-3929
XXX - Insert VSWR required
i.e. - termination = 50T-358-1.0
1.5:1 mismatch = 50T-358-1.5
5.0:1 mismatch = 50T-358-5.0
9999
02/13/2002
A
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
10275
12/15/2004
B
SL 12/15/2004
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 50T-358-1.0

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50T-358-1.0NM JFW-50T-358-1.0NM Datasheet
28Kb / 1P
   TERMINATION/MISMATCH
More results

Similar Description - 50T-358-1.0

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50T-032-XXX JFW-50T-032-XXX Datasheet
27Kb / 1P
   TERMINATION/MISMATCH
50T-507-XXX JFW-50T-507-XXX Datasheet
27Kb / 1P
   TERMINATION/MISMATCH
50T-581-XXX JFW-50T-581-XXX Datasheet
68Kb / 1P
   TERMINATION/MISMATCH
50T-303-XXX JFW-50T-303-XXX Datasheet
26Kb / 1P
   TERMINATION/MISMATCH
50T-359-XXX JFW-50T-359-XXX_13 Datasheet
68Kb / 1P
   TERMINATION/MISMATCH
50T-464-XXX JFW-50T-464-XXX Datasheet
27Kb / 1P
   TERMINATION/MISMATCH
50T-588-XXX JFW-50T-588-XXX Datasheet
27Kb / 1P
   TERMINATION/MISMATCH
50T-032-XXX JFW-50T-032-XXX_13 Datasheet
28Kb / 1P
   TERMINATION/MISMATCH
50T-358-XXX JFW-50T-358-XXX_15 Datasheet
28Kb / 1P
   TERMINATION/MISMATCH
50T-506-XXX JFW-50T-506-XXX Datasheet
68Kb / 1P
   TERMINATION/MISMATCH
50T-034-XXX JFW-50T-034-XXX Datasheet
27Kb / 1P
   TERMINATION/MISMATCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com