Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTU4A60S Datasheet(PDF) 4 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HTU4A60S
Description  NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-251 PACKAGE)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HTU4A60S Datasheet(HTML) 4 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HTU4A60S Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTU4A60S Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTU4A60S Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTU4A60S Datasheet HTML 4Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
 
 
Fig 7. Gate Trigger Current vs.
Fig 8. Transient Thermal Impedance
Junction Temperature
 
 
                                             
Junction Temperature [℃]                                         
 
                       
Fig 9. Gate Trigger Characteristics Test Circuit
 
 
 
      
   
 Fig 9. Gate Trigger Characteristics Test Circuit 
10Ω 
10Ω 
10Ω 
10Ω 
Junction Temperature [℃]
Time(sec)
Test Procedure
Test Procedure
Test Procedure
Test Procedure
HTU4A60S


Similar Part No. - HTU4A60S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTU4-600 SEMIHOW-HTU4-600 Datasheet
322Kb / 5P
   600V 4A TRIAC
HTU4-600 SEMIHOW-HTU4-600 Datasheet
211Kb / 6P
   600V 4A TRIAC
More results

Similar Description - HTU4A60S

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HTF4A60S HUASHAN-HTF4A60S Datasheet
178Kb / 4P
   NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-220F PACKAGE)
HTN4A60S HUASHAN-HTN4A60S Datasheet
181Kb / 4P
   NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-126 PACKAGE)
HTP4A60S HUASHAN-HTP4A60S Datasheet
167Kb / 4P
   NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-220 PACKAGE)
logo
SemiHow Co.,Ltd.
HTX4-600S SEMIHOW-HTX4-600S Datasheet
297Kb / 7P
   NON INSULATED TYPE SENSITIVE GATE TRIAC
logo
SHANTOU HUASHAN ELECTRO...
HTM4A60S HUASHAN-HTM4A60S Datasheet
168Kb / 4P
   INSULATED TYPE SENSITIVE GATE TRIAC (TO-126ML PACKAGE)
HTP8A60 HUASHAN-HTP8A60 Datasheet
214Kb / 3P
   NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTM2A60 HUASHAN-HTM2A60 Datasheet
740Kb / 3P
   NON INSULATED TYPE TRIAC (TO-126ML PACKAGE)
HTN2A60 HUASHAN-HTN2A60 Datasheet
180Kb / 3P
   NON INSULATED TYPE TRIAC (TO-126 PACKAGE)
HTP4A60 HUASHAN-HTP4A60 Datasheet
176Kb / 3P
   NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP12A60 HUASHAN-HTP12A60 Datasheet
189Kb / 3P
   NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com