Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SAR512P Datasheet(PDF) 4 Page - Rohm

Part # 2SAR512P
Description  Medium Power Transistors (−30V / −2A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SAR512P Datasheet(HTML) 4 Page - Rohm

  2SAR512P Datasheet HTML 1Page - Rohm 2SAR512P Datasheet HTML 2Page - Rohm 2SAR512P Datasheet HTML 3Page - Rohm 2SAR512P Datasheet HTML 4Page - Rohm 2SAR512P Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.10 - Rev.A
Data Sheet
2SAR512P
Switching time test circuit
*1 Pw=10ms, Single Pulse
*3 Mounted on a ceramic board. (40x40x0.7mm³)
IB2
IB1
90%
10%
tstg
ton
tf
IC
VIN
Pw
Pw
50µs
DUTY CYCLE≦1%
IB1
IB2
IC
RL=10Ω
VCC -10V
~_
~
_
BASE CURENT WAVEFORM
COLLECTOR CURRENT WAVEFORM


Similar Part No. - 2SAR512P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR512P ROHM-2SAR512P Datasheet
439Kb / 8P
   PNP -2.0A -30V Middle Power Transistor
2SAR512P5 ROHM-2SAR512P5 Datasheet
1Mb / 9P
   Medium Power Transistors(-30V/-2A)
2SAR512PFRA ROHM-2SAR512PFRA Datasheet
1Mb / 8P
   Middle Power Transistor(-30V/-2A)
More results

Similar Description - 2SAR512P

ManufacturerPart #DatasheetDescription
logo
Rohm
MP6T2 ROHM-MP6T2 Datasheet
112Kb / 4P
   Medium Power Transistor (−32V, −2A)
2SB1561 ROHM-2SB1561_09 Datasheet
175Kb / 3P
   Medium Power Transistor (−60V, −2A)
2SB1427 ROHM-2SB1427_1 Datasheet
69Kb / 3P
   Power transistor (−20V, −2A)
2SB1580 ROHM-2SB1580 Datasheet
78Kb / 3P
   Power Transistor (−100V , −2A)
RSS090P03 ROHM-RSS090P03 Datasheet
85Kb / 5P
   Switching (−30V, −9.0A)
logo
Comset Semiconductor
BSV15 COMSET-BSV15 Datasheet
81Kb / 4P
   MEDIUM POWER TRANSISTORS
logo
Rohm
SP8J4 ROHM-SP8J4 Datasheet
66Kb / 5P
   Switching (−30V, −2.0A)
logo
STMicroelectronics
STF817 STMICROELECTRONICS-STF817 Datasheet
57Kb / 5P
   PNP MEDIUM POWER TRANSISTORS
logo
NXP Semiconductors
BSR40 PHILIPS-BSR40 Datasheet
41Kb / 8P
   NPN medium power transistors
1999 Apr 28
BSX45 PHILIPS-BSX45 Datasheet
53Kb / 8P
   NPN medium power transistors
1997 Apr 23
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com