Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SAR513P Datasheet(PDF) 4 Page - Rohm

Part # 2SAR513P
Description  Midium Power Transistors (-50V / -1A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SAR513P Datasheet(HTML) 4 Page - Rohm

  2SAR513P Datasheet HTML 1Page - Rohm 2SAR513P Datasheet HTML 2Page - Rohm 2SAR513P Datasheet HTML 3Page - Rohm 2SAR513P Datasheet HTML 4Page - Rohm 2SAR513P Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.A
Data Sheet
2SAR513P
Switching time test circuit
IB2
IB1
90%
10%
tstg
ton
tf
IC
VIN
Pw
Pw 50μs
DUTY CYCLE
1%
IB1
IB2
IC
RL=20Ω
VCC -10V
~
_
~
_
BASE CURENT WAVEFORM
COLLECTOR CURRENT WAVEFORM


Similar Part No. - 2SAR513P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR513P ROHM-2SAR513P Datasheet
429Kb / 8P
   PNP -1.0A -50V Middle Power Transistor
2SAR513P5 ROHM-2SAR513P5 Datasheet
1Mb / 9P
   Middle Power Transistors(-50V / -1A)
2SAR513PFRA ROHM-2SAR513PFRA Datasheet
1Mb / 8P
   Middle Power Transistor(-50V / -1A)
More results

Similar Description - 2SAR513P

ManufacturerPart #DatasheetDescription
logo
Rohm
MP6T12 ROHM-MP6T12 Datasheet
378Kb / 6P
   Midium Power Transistors (-50V / -1A)
MP6X12 ROHM-MP6X12 Datasheet
424Kb / 6P
   Midium Power Transistors (50V / 1A)
2SCR513P ROHM-2SCR513P_09 Datasheet
235Kb / 5P
   Midium Power Transistors (50V / 1A)
QS6Z5 ROHM-QS6Z5 Datasheet
1Mb / 8P
   Complex Midium Power Transistors (50V/1A)
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
   Midium Power Transistors (50V / 2A)
2SAR533P ROHM-2SAR533P_09 Datasheet
234Kb / 5P
   Midium Power Transistors (-50V / -3A)
QS5Y2 ROHM-QS5Y2 Datasheet
499Kb / 8P
   Midium Power Transistors (50V / 3A)
2SCR293P ROHM-2SCR293P Datasheet
486Kb / 6P
   Midium Power Transistors (30V / 1A)
2SAR543D ROHM-2SAR543D Datasheet
524Kb / 6P
   Midium Power Transistors (-50V/-4A)
2SAR553P ROHM-2SAR553P_09 Datasheet
242Kb / 5P
   Midium Power Transistors (-50V / -2A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com