Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3837K Datasheet(PDF) 2 Page - Rohm

Part # 2SC3837K
Description  High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC3837K Datasheet(HTML) 2 Page - Rohm

  2SC3837K Datasheet HTML 1Page - Rohm 2SC3837K Datasheet HTML 2Page - Rohm 2SC3837K Datasheet HTML 3Page - Rohm 2SC3837K Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.C
Data Sheet
2SC5661 / 2SC4725 / 2SC4082 / 2SC3837K
Electrical characteristic curves
0.1 0.2
0.5
1
2
5
10 20
50
10
COLLECTOR CURRENT : IC (mA)
Fig.1 DC current gain vs. collector current
100
20
50
200
500
Ta
=25°C
VCE
=10V
0.1 0.2
0.5
1
2
5
10 20
50
10
COLLECTOR CURRENT : IC (mA)
Fig.2 Collector-emitter saturation voltage
vs. collector current
100
20
50
200
500
Ta
=25°C
IC/IB
=5
0.1 0.2
0.5
1
2
5
10 20
50
0.1
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.3 Capacitance vs. reverse bias voltage
1.0
0.2
0.5
2.0
5.0
Ta
=25°C
f
=1MHz
IE
=0A
Cob
Cre
−0.1 −0.2
−0.5 −1 −2
−5 −10 −20
−50
100
EMITTER CURRENT : IE (mA)
Fig.4 Gain bandwidth product vs. emitter current
1000
200
500
2000
5000
Ta
=25°C
VCE
=10V
0.1 0.2
0.5
1
2
5
10 20
50
1
COLLECTOR CURRENT : IC (mA)
Fig.5 Collector to base time constance
vs. collector current
10
2
5
20
50
Ta
=25°C
VCE
=10V
f
=31.8MHz
0.1
0.2
0.5
1
2
5
10
0
FREQUENCY : f (GHz)
Fig.6 Insertion gain vs. frequency
5
10
15
20
25
Ta
=25°C
VCE
=10V
IC
=10mA
COLLECTOR CURRENT : Ic (mA)
Fig.7 Insertion gain vs. collector current
0.5
1
2
5
10
20
50
0
5
10
15
20
25
Ta
=25°C
VCE
=12V
f
=200MHz
02
4
6
8
10
12
0
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.8 Insertion gain vs. collector voltage
5
10
15
20
25
30
Ta
=25°C
IC
=2mA
f
=200MHz
0.1 0.2
0.5
1
2
5
10 20
50
0
COLLECTOR CURRENT : IC (mA)
Fig.9 Noise factor vs. collector current
10
20
Ta
=25°C
VCE
=12V
f
=200MHz


Similar Part No. - 2SC3837K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC3837K ROHM-2SC3837K Datasheet
75Kb / 4P
   High-Frequency Amplifier Transistor (18V, 50mA, 1.5GHz)
2SC3837K ROHM-2SC3837K Datasheet
193Kb / 4P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
logo
Guangdong Kexin Industr...
2SC3837K KEXIN-2SC3837K Datasheet
41Kb / 1P
   Power Transistor
logo
Rohm
2SC3837K ROHM-2SC3837K Datasheet
128Kb / 5P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC3837KT146N ROHM-2SC3837KT146N Datasheet
128Kb / 5P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
More results

Similar Description - 2SC3837K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5661 ROHM-2SC5661_09 Datasheet
193Kb / 4P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC3837KT146P ROHM-2SC3837KT146P Datasheet
128Kb / 5P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC5661 ROHM-2SC5661 Datasheet
75Kb / 4P
   High-Frequency Amplifier Transistor (18V, 50mA, 1.5GHz)
2SC4726 ROHM-2SC4726_1 Datasheet
74Kb / 3P
   High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
2SC5662 ROHM-2SC5662 Datasheet
64Kb / 2P
   High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC4726 ROHM-2SC4726_10 Datasheet
153Kb / 3P
   High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC5659 ROHM-2SC5659_10 Datasheet
147Kb / 3P
   High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
2SC4726TLP ROHM-2SC4726TLP Datasheet
98Kb / 3P
   High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC5659 ROHM-2SC5659 Datasheet
80Kb / 4P
   High-frequency Amplifier Transistor(25V, 50mA, 300MHz)
logo
Cystech Electonics Corp...
BTC3838N3 CYSTEKEC-BTC3838N3 Datasheet
155Kb / 4P
   High Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com