Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1530ETJ+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1530ETJ+
Description  Multiple-Output Power-Supply Controllers for LCD Monitors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1530ETJ+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1530ETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX1530ETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX1530ETJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX1530ETJ+ Datasheet HTML 10Page - Maxim Integrated Products MAX1530ETJ+ Datasheet HTML 11Page - Maxim Integrated Products MAX1530ETJ+ Datasheet HTML 12Page - Maxim Integrated Products MAX1530ETJ+ Datasheet HTML 13Page - Maxim Integrated Products MAX1530ETJ+ Datasheet HTML 14Page - Maxim Integrated Products MAX1530ETJ+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Multiple-Output Power-Supply Controllers for
LCD Monitors
______________________________________________________________________________________
11
Pin Description (continued)
PIN
MAX1530
MAX1531
NAME
FUNCTION
12
12
RESET
Open-Drain Reset Output. RESET asserts low when the monitored voltage is less than the
reset trip threshold. RESET goes to a high-impedance state only after the monitored
voltage remains above the reset trip threshold for the duration of the reset timeout period.
RESET also asserts low when VL is less than the VL undervoltage lockout threshold, EN is
low, or the thermal, overcurrent or undervoltage fault latches are set.
13
13
COMP
Step-Down Regulator Compensation Input. A pole-zero pair must be added to
compensate the control loop by connecting a series resistor and capacitor from COMP to
AGND. (See the Compensation Design section.)
14
14
FB
Step-Down Regulator Feedback Input. FB regulates at 1.238V nominal. Connect FB to the
center tap of a resistive voltage-divider between the step-down regulator output and
AGND to set the output voltage. Place the divider close to the FB pin.
15
15
ILIM
Step-Down Regulator Current-Limit Control Input. Connect this dual-mode input to VL to
set the current-limit threshold to its default value of 250mV. The overcurrent comparator
compares the voltage across the low-side N-channel MOSFET with the current-limit
threshold. Connect ILIM to the center tap of a resistive voltage-divider between VL and
AGND to adjust the current-limit threshold to other values. In adjustable mode, the actual
current-limit threshold is 1/5th of the voltage at ILIM over a 0.25V to 3.0V range. The dual-
mode threshold for switchover to the 250mV default value is approximately 3.5V.
16
16
ONL2
Gamma Linear Regulator (LR2) Enable Input. When EN is above its enable threshold, VL
is above its UVLO threshold, and ONL2 is greater than the internal reference, LR2 is
enabled. Drive ONL2 with a logic signal or, for automatic sequencing, connect a capacitor
from ONL2 to AGND. If SEQ is high, EN is above its threshold, and VL is above its UVLO
threshold, an internal 2µA (typ) current source charges the capacitor. Otherwise, an
internal switch discharges the capacitor. Connecting various capacitors to each ONL_ pin
allows the programming of the startup sequence.
17
17
ONL3
Gate-On Linear Regulator (LR3) Enable Input. When EN is above its enable threshold, VL
is above its UVLO threshold, and ONL3 is greater than the internal reference, LR3 is
enabled. Drive ONL3 with a logic signal or, for automatic sequencing, connect a capacitor
from ONL3 to AGND. If SEQ is high, EN is above its threshold, and VL is above its UVLO
threshold, an internal 2µA (typ) current source charges the capacitor. Otherwise, an
internal switch discharges the capacitor. Connecting various capacitors to each ONL_ pin
allows the programming of the startup sequence.
20
20
PGND
Power Ground
21
21
DL
Low-Side Gate Driver Output. DL drives the synchronous rectifier of the step-down
regulator. DL swings from PGND to VL. DL remains low until VL rises above the UVLO
threshold.
22
22
LX
Step-Down Regulator Current-Sense Input. The IC’s current-sense amplifier inputs for
current-mode control connect to IN and LX. Connect IN and LX directly to the high-side N-
channel MOSFET drain and source, respectively. The low-side current-limit comparator
inputs connect to LX and PGND to sense voltage across a low-side N-channel MOSFET.


Similar Part No. - MAX1530ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1530ETJ MAXIM-MAX1530ETJ Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
More results

Similar Description - MAX1530ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1530 MAXIM-MAX1530 Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
MAX8728 MAXIM-MAX8728 Datasheet
424Kb / 29P
   Low-Cost, Multiple-Output Power Supply for LCD Monitors/TVs
Rev 0; 1/06
MAX17014 MAXIM-MAX17014 Datasheet
626Kb / 34P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 10/07
logo
Monolithic Power System...
MP5600 MPS-MP5600 Datasheet
664Kb / 26P
   Compact Multiple-Output Power Supply for TV-LCD panel
logo
Maxim Integrated Produc...
MAX17113 MAXIM-MAX17113 Datasheet
1Mb / 30P
   Low-Cost, Multiple-Output Power Supply for LCD TVs
Rev 0; 8/09
MAX17014A MAXIM-MAX17014A Datasheet
626Kb / 32P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 8/08
MAX17014 MAXIM-MAX17014_10 Datasheet
540Kb / 33P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
MAX1513 MAXIM-MAX1513 Datasheet
523Kb / 28P
   TFT-LCD Power-Supply Controllers
Rev 0; 10/03
logo
Phihong USA Inc.
PSA-2041U PHIHONG-PSA-2041U Datasheet
82Kb / 2P
   Multiple Output Switching Power Supply
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com